Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments LP8556 Datasheet HTML 25Page - Texas Instruments LP8556 Datasheet HTML 26Page - Texas Instruments LP8556 Datasheet HTML 27Page - Texas Instruments LP8556 Datasheet HTML 28Page - Texas Instruments LP8556 Datasheet HTML 29Page - Texas Instruments LP8556 Datasheet HTML 30Page - Texas Instruments LP8556 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
27
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.3.3 Fault Detection
LP8556 has fault detection for LED open and short conditions, UVLO, overcurrent, and thermal shutdown. The
cause for the fault can be read from status register. Reading the fault register also resets the fault.
8.3.3.1 LED Fault Detection
With LED fault detection, the voltages across the LED drivers are constantly monitored. Shorted or open LED
strings are detected.
8.3.3.1.1
Open Detect
The logic uses the LOW comparators and the requested boost voltage to detect the OPEN condition. If the logic
is asking the boost for the maximum allowed voltage and a LOW comparator is asserted, then the OPEN bit is
set in the STATUS register (ADDR = 02h). In normal operation, the adaptive headroom control loop raises the
requested boost voltage when the LOW comparator is asserted. If it has raised it as high as it can and an LED
string still needs more voltage, then it is assumed to be disconnected from the boost voltage (open or grounded).
The actual boost voltage is not part of the OPEN condition decision; only the requested boost voltage and the
LOW comparators.
8.3.3.1.2
Short Detect
The logic uses all three comparators (HIGH, MID and LOW) to detect the SHORT condition. When the MID and
LOW comparators are de-asserted, the headroom control loop considers that string to be optimized - enough
headroom, but not excessive. If at least one LED string is optimized and at least one other LED string has its
HIGH comparator asserted, then the SHORT condition is detected. It is important to note that the SHORT
condition requires at least two strings for detection: one in the optimized headroom zone (LOW/MID/HIGH
comparators all de-asserted) and one in the excessive headroom zone (HIGH comparator asserted).
Fault is cleared by reading the fault register.
8.3.3.2 Undervoltage Detection
The LP8556 device has detection for too-low VIN voltage. Threshold level for the voltage is set with EPROM
register bits as shown in Table 7.
Table 7. UVLO Truth Table
UVLO_EN
UVLO_TH
THRESHOLD (V)
0
don't care
OFF
1
0
2.5
1
1
5.2
When undervoltage is detected the LED outputs and the boost shuts down, and the corresponding fault bit is set
in the fault register. The LEDs and the boost start again when the voltage has increased above the threshold
level. Hysteresis is implemented to threshold level to avoid continuous triggering of fault when threshold is
reached.
Fault is cleared by setting the EN / VDDIO pin low or by reading the fault register.
8.3.3.3 Overcurrent Protection
LP8556 has detection for too-high loading on the boost converter. When overcurrent fault is detected, the boost
shuts down and the corresponding fault bit is set in the fault register. The boost starts again when the current
has dropped below the OCP threshold.
Fault is cleared by reading the fault register.
8.3.3.4 Thermal Shutdown
If the LP8556 reaches thermal shutdown temperature (150°C) the LED outputs and boost shut down to protect it
from damage. The device re-activates when temperature drops below 130°C.
Fault is cleared by reading the fault register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com