Electronic Components Datasheet Search
  English  ▼

X  

AD8284WCSVZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8284WCSVZ
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284WCSVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8284WCSVZ Datasheet HTML 2Page - Analog Devices AD8284WCSVZ Datasheet HTML 3Page - Analog Devices AD8284WCSVZ Datasheet HTML 4Page - Analog Devices AD8284WCSVZ Datasheet HTML 5Page - Analog Devices AD8284WCSVZ Datasheet HTML 6Page - Analog Devices AD8284WCSVZ Datasheet HTML 7Page - Analog Devices AD8284WCSVZ Datasheet HTML 8Page - Analog Devices AD8284WCSVZ Datasheet HTML 9Page - Analog Devices AD8284WCSVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8284
Data Sheet
Rev. D | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD18x = 1.8 V, AVDD33x = 3.3 V, DVDD18x = 1.8 V, DVDD33x = 3.3 V, 1.00 V internal ADC reference, fIN = 2.5 MHz, fS = 60 MSPS,
RS = 50 Ω, LNA + PGA gain = 35 dB, LPF cutoff = fSAMPLECH/4, 12-bit operation, temperature = −40°C to +105°C, unless otherwise noted. All
specifications guaranteed by design only.
Table 4.
Parameter1
Symbol
Temperature
Min
Typ
Max
Unit
CLOCK
Clock Rate
Full
10
60
MSPS
Clock Pulse Width High at 60 MSPS
tEH
Full
8.33
ns
Clock Pulse Width Low at 60 MSPS
tEL
Full
8.33
ns
Clock Pulse Width High at 40 MSPS
tEH
Full
12.5
ns
Clock Pulse Width Low at 40 MSPS
tEL
Full
12.5
ns
OUTPUT PARAMETERS
Propagation Delay at 60 MSPS
tPD
Full
6
ns
Rise Time
tR
Full
1.9
ns
Fall Time
tF
Full
1.2
ns
Data Setup Time at 60 MSPS
tDS
Full
8.33
ns
Data Hold Time at 60 MSPS
tDH
Full
6.0
ns
Data Setup Time at 40 MSPS
tDS
Full
18
ns
Data Hold Time at 40 MSPS
tDH
Full
6
ns
Pipeline Latency
Full
7
Clock cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and testing methodology.
Timing and Switching Diagram
Figure 2. Timing Definitions for Switching Specifications
N –1
INAx
N
N – 7
N – 6
N – 5
N – 4
N – 3
N – 2
N – 1
N
CLK–
CLK+
D11 to D0
tPD
tEH
tEL
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com