Electronic Components Datasheet Search
  English  ▼

X  

AD8284WCSVZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8284WCSVZ
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284WCSVZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8284WCSVZ Datasheet HTML 4Page - Analog Devices AD8284WCSVZ Datasheet HTML 5Page - Analog Devices AD8284WCSVZ Datasheet HTML 6Page - Analog Devices AD8284WCSVZ Datasheet HTML 7Page - Analog Devices AD8284WCSVZ Datasheet HTML 8Page - Analog Devices AD8284WCSVZ Datasheet HTML 9Page - Analog Devices AD8284WCSVZ Datasheet HTML 10Page - Analog Devices AD8284WCSVZ Datasheet HTML 11Page - Analog Devices AD8284WCSVZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8284
Data Sheet
Rev. D | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connection. Tie NC to any potential.
2
SFLAG
Saturation Flag.
3
PDWN
Full Power-Down. A logic high on PDWN overrides the SPI and powers down the part; a logic low allows
selection through the SPI.
4
DVDD18
1.8 V Digital Supply.
5
SCLK
Serial Clock.
6
CS
Chip Select.
7
SDI
Serial Data Input.
8
SDO
Serial Data Output.
9
AUX
Auxiliary Channel. A logic high on AUX switches the AUX channel to ADC (INADC+/INADC−).
10
MUX[0]
Digital Control for Mux Channel Selection.
11
MUX[1]
Digital Control for Mux Channel Selection.
12
ZSEL
Input Impedance Select. A logic high on ZSEL overrides the SPI and sets the input impedance to 200 kΩ; a
logic low allows selection through the SPI.
13
TEST1
Test. Do not use the TEST1 pin; tie TEST1 to ground.
14
TEST2
Test. Do not use the TEST2 pin; tie TEST2 to ground.
15
DVDD33SPI
3.3 V Digital Supply, SPI Port.
16
NC
No Connection. Tie NC to any potential.
17
NC
No Connection. Tie NC to any potential.
18
AVDD18
1.8 V Analog Supply.
19
AVDD33
3.3 V Analog Supply.
20
INA+
Positive Mux Analog Input for Channel A.
21
INA−
Negative Mux Analog Input for Channel A.
22
INB+
Positive Mux Analog Input for Channel B.
23
INB−
Negative Mux Analog Input for Channel B.
PIN 1
AD8284
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19 20
21 22 23 24 25 26 27 28
29 30 31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
NC
SFLAG
PDWN
DVDD18
SCLK
SDI
SDO
CS
AUX
MUX[0]
MUX[1]
ZSEL
TEST1
TEST2
DVDD33SPI
NC
NC
AGND
AVDD18ADC
TEST3
ANOUT
APOUT
RBIAS
VREF
BAND
AVDD33REF
DVDD33CLK
CLK–
CLK+
DVDD18CLK
TEST4
NC
NOTES
1. TIE THE EXPOSED PAD ON THE BOTTOM SIDE TO THE ANALOG GROUND PLANE.
2. NC = NO CONNECTION. TIE NC TO ANY POTENTIAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com