Electronic Components Datasheet Search
  English  ▼

X  

AD8451 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8451 Datasheet HTML 11Page - Analog Devices AD8451 Datasheet HTML 12Page - Analog Devices AD8451 Datasheet HTML 13Page - Analog Devices AD8451 Datasheet HTML 14Page - Analog Devices AD8451 Datasheet HTML 15Page - Analog Devices AD8451 Datasheet HTML 16Page - Analog Devices AD8451 Datasheet HTML 17Page - Analog Devices AD8451 Datasheet HTML 18Page - Analog Devices AD8451 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD8451
VINT BUFFER
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
VCTRL OUTPUT WITH RESPECT TO VCLP
VCTRL OUTPUT WITH RESPECT TO VCLN
VCLP AND VCLN REFERENCE
VALID FOR ALL RATED
SUPPLY VOLTAGES
Figure 32. Output Voltage Swing with Respect to VCLP and VCLN
vs. Temperature
15
–15
–10
–5
0
5
10
100
1M
100k
10k
1k
LOAD RESISTANCE (Ω)
TEMP = –40°C
TEMP = +25°C
TEMP = +85°C
VCLP
VCLN
Figure 33. Output Voltage Swing vs. Load Resistance at Three Temperatures
6
–1
0
1
2
3
4
5
10
40
35
30
25
20
15
OUTPUT CURRENT (mA)
VCLP
VCLN
VIN = +6V/–1V
TEMP = –40°C
TEMP = 0°C
TEMP = +25°C
TEMP = +85°C
Figure 34. Clamped Output Voltage vs. Output Current
at Four Temperatures
6
–1
0
1
2
3
4
5
0
40
35
30
25
20
15
10
5
TIME (µs)
CL = 100pF
RL = 2kΩ
Figure 35. Large Signal Transient Response, RL = 2 kΩ, CL = 100 pF
0.20
0.15
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
10
9
8
7
6
5
4
3
2
1
TIME (µs)
CL = 10pF
CL = 100pF
CL = 510pF
CL = 680pF
CL = 1000pF
Figure 36. Small Signal Transient Response vs. Capacitive Load
100
10
1
0.1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 37. Output Impedance vs. Frequency
Rev. 0 | Page 15 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com