Electronic Components Datasheet Search
  English  ▼

X  

AD8451 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8451 Datasheet HTML 12Page - Analog Devices AD8451 Datasheet HTML 13Page - Analog Devices AD8451 Datasheet HTML 14Page - Analog Devices AD8451 Datasheet HTML 15Page - Analog Devices AD8451 Datasheet HTML 16Page - Analog Devices AD8451 Datasheet HTML 17Page - Analog Devices AD8451 Datasheet HTML 18Page - Analog Devices AD8451 Datasheet HTML 19Page - Analog Devices AD8451 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD8451
Data Sheet
REFERENCE CHARACTERISTICS
2.51
2.50
2.49
2.48
2.47
2.46
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT—SOURCING (mA)
TA = –40°C
TA = +25°C
TA = –20°C
TA = +85°C
TA = 0°C
AVCC = +25V
AVEE = –5V
Figure 38. Output Voltage vs. Output Current (Sourcing) over Temperature
2.9
2.8
2.7
2.6
2.5
2.4
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
OUTPUT CURRENT—SINKING (mA)
TA = +85°C
TA = +25°C
TA = 0°C
TA = –20°C
TA = –40°C
AVCC = +25V
AVEE = –5V
Figure 39. Output Voltage vs. Output Current (Sinking) over Temperature
1200
1100
1000
900
800
700
600
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
AVCC = +25V
AVEE = –5V
Figure 40. Source and Sink Load Regulation vs. Temperature
1k
10
100
0.1
1
10
100
100k
10k
1k
FREQUENCY (Hz)
Figure 41. Spectral Density Voltage Noise vs. Frequency
Rev. 0 | Page 16 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com