Electronic Components Datasheet Search
  English  ▼

X  

ADA8282CP-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 5Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 6Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 7Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 10Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 11Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 12Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 9 of 21
200
–50
0
50
100
150
0
1000
800
600
400
200
TIME (ns)
NO LOAD
5pF
33pF
66pF
100pF
Figure 15. Pulse Response at Various Output Capacitive Loads
0
100
200
300
400
500
600
700
800
900
1000
TIME (ns)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
MODE 0
MODE 1
MODE 2
MODE 3
Figure 16. LargeSignal PulseResponsefor VariousLNAandPGA Bias Modes
500
300
320
340
360
380
400
420
440
460
480
–40
–25
10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
Figure 17. Short-Circuit Current vs. Temperature Per Channel
30
20
21
22
23
24
25
26
27
28
29
–40
–25
10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
GAIN = 18dB
GAIN = 24dB
GAIN = 30dB
GAIN = 36dB
Figure 18. Output Slew Rate vs. Temperature
18
24
30
36
GAIN (dB)
–3.4
–3.0
–2.6
–2.2
–1.8
–1.4
–1.0
–0.6
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
Figure 19. Maximum and Minimum Differential VOUT vs. Gain
4
–4
–3
–2
–1
0
1
2
3
10
100
1k
10k
100k
OUTPUT LOAD RESISTANCE (Ω)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Differential Output Voltage Swing vs. Output Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com