Electronic Components Datasheet Search
  English  ▼

X  

ADA8282CP-EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 10Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 11Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 12Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 13Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 14Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 15Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 12 of 21
PROGRAMMABLE GAIN RANGE
The ADA8282 has a programmable gain to allow adjusting of
the output amplitudes of signals to accommodate a variety of
applications. The gain of the ADA8282 is programmable in 6 dB
increments from 18 dB to 36 dB. The gain is controlled using
Register 0x15. The same register controls all four channels, but
each channel can be independently controlled by utilizing the
appropriate bits in the register. Channel A is controlled with the
two LSBs of Register 0x15 (Bits[1:0]), Channel B uses Bits[3:2],
Channel C uses Bits[5:4], and Channel D uses the two MSBs,
Bits[7:6].
The gain setting and gains are listed in Table 7.
Table 7. Gain Settings
Register 0x15 Setting
Gain (dB)
Gain (V/V)
b’00
18
7.9
b’01
24
15.9
b’10
30
31.6
b’11
36
63.1
OUTPUT SWING VARIATION WITH GAIN
The ADA8282 gain is implemented using two internal gain stages.
The first stage is an LNA with a gain of 24 dB, and the second
stage is a PGA with a gain that varies from −6 dB to +12 dB. The
output of the LNA has a fixed output swing range, and is the
limiting factor when the channel gain is 18 dB. Because of the
limitations of the LNA swing range, the ADA8282 has an output
swing that is dependent on gain, as shown in Table 8.
Table 8. Output Swing at Various Gains
Gain (dB)
Output Swing (V p-p)
18
3.1
24
6.3
30
6.3
36
6.3
OFFSET VOLTAGE ADJUSTMENTS
Register 0x10 through Register 0x13 adjust the dc offset voltage
of each channel. The default value of 0x20 is intended to be the
setting for the offset closest to 0 V, but adjustments can be made
as required by the application.
The default setting (0x20) applies a zero offset, 0x00 applies the
maximum negative offset, and 0x3F applies the maximum
positive offset.
The range and resolution of the LNA_OFFSETx adjustments
are dependent on the LNA bias mode as described in Table 9.
Table 9. Offset Voltage Adjustments
LNA_BIAS_SEL
Setting
Referred to Input (RTI)
Offset Resolution (μV)
RTI Offset
Range (mV)
b’00
113
±4
b’01
186
±6
b’10
250
±8
b’11
440
±14
VIO Pin
The VIO pin sets the voltage levels used by the SPI interface. If
the VIO pin is tied to the 3.3 V supply, the SPI port functions
on 3.3 V logic.
SINGLE-ENDED OR DIFFERENTIAL INPUT
The ADA8282 operates with either a differential or single-ended
signal source. The maximum input voltage swing is the same in
either configuration. When using a single-ended signal source,
connect the unused input to ground with a capacitor. Matching
the ac coupling capacitor to the ac grounding capacitor
optimizes CMRR performance.
SHORT-CIRCUIT CURRENTS
The ADA8282 typically has a 205 mA short-circuit current per
output pin. The thermal implications of this current during
unintended shorting of these outputs must be taken into account
when designing boards with this device.
SPI INTERFACE
The ADA8282 SPI interface uses a 4-wire interface to deliver a
16-bit instruction header, followed by 8 bits of data. The first bit
is a read/write bit. W1 and W0 determine how many bytes are
transferred, and must both be zeros for the ADA8282 to write to a
single register. Then, a 13-bit address and an 8-bit data byte follow.
The SPI port operates at SCLK frequencies of up to 10 MHz.
For additional SPI timing information, see the AN-877
Application Note.
A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
A12
W0
W1
R/W
CS
SCLK
SDI
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
16-BIT INSTRUCTION HEADER
MSB-FIRST 16-BIT INSTRUCTION
REGISTER (N) DATA
Figure 26. Serial Instruction Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com