Electronic Components Datasheet Search
  English  ▼

X  

ADG5401 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG5401
Description  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401 Datasheet(HTML) 1 Page - Analog Devices

  ADG5401 Datasheet HTML 1Page - Analog Devices ADG5401 Datasheet HTML 2Page - Analog Devices ADG5401 Datasheet HTML 3Page - Analog Devices ADG5401 Datasheet HTML 4Page - Analog Devices ADG5401 Datasheet HTML 5Page - Analog Devices ADG5401 Datasheet HTML 6Page - Analog Devices ADG5401 Datasheet HTML 7Page - Analog Devices ADG5401 Datasheet HTML 8Page - Analog Devices ADG5401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
High Voltage Latch-Up Proof,
Single SPST Switch
Data Sheet
ADG5401
FEATURES
Latch-up immune under all circumstances
Human body model (HBM) ESD rating: 8 kV
Low on resistance: 6.5 Ω
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
48 V supply maximum ratings
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
VDD to VSS analog signal range
APPLICATIONS
High voltage signal routing
Automatic test equipment
Analog front-end circuits
Precision data acquisition
Amplifier gain select
Industrial instrumentation
Relay replacement
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADG5401 is a monolithic industrial, complementary metal
oxide semiconductor (CMOS) analog switch containing a latch-
up immune single-pole/single-throw (SPST) switch. The switch
conducts equally well in both directions when on, and has an
input signal range that extends to the power supplies. In the off
condition, signal levels up to the supplies are blocked.
The ultralow on resistance and on-resistance flatness of these
switches make them ideal solutions for data acquisition and gain
switching applications, where low distortion is critical. The
latch-up immune construction and high ESD rating make these
switches more robust in harsh environments.
PRODUCT HIGHLIGHTS
1. Trench isolation guards against latch-up. A dielectric trench
separates the P channel and N channel transistors, thereby
preventing latch-up even under severe overvoltage
conditions.
2. Low RON of 6.5 Ω.
3. Dual-supply operation. For applications where the analog
signal is bipolar, the ADG5401 can operate from dual
supplies of up to ±22 V.
4. Single-supply operation. For applications where the analog
signal is unipolar, the ADG5401 can operate from a single-
rail power supply of up to 40 V.
5. 3 V logic compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
6. No VL logic power supply required.
7. Available in 8-lead MSOP package and 8-lead, 2 mm ×
3 mm LFCSP packages.
D
IN
S
ADG5401
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADG5401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
8/2020-Revision 0
ADG5401F AD-ADG5401F Datasheet
587Kb / 31P
짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
10/2020-Revision 0
ADG5401FBCPZ-RL7 AD-ADG5401FBCPZ-RL7 Datasheet
566Kb / 32P
Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
8/2020-Revision 0
More results

Similar Description - ADG5401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
High Voltage, Latch-Up Proof
REV. A
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
High Voltage Latch-Up Proof, Single SPDT Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com