Electronic Components Datasheet Search
  English  ▼

X  

ADG5401 Datasheet(PDF) 17 Page - Analog Devices

Part # ADG5401
Description  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG5401 Datasheet HTML 9Page - Analog Devices ADG5401 Datasheet HTML 10Page - Analog Devices ADG5401 Datasheet HTML 11Page - Analog Devices ADG5401 Datasheet HTML 12Page - Analog Devices ADG5401 Datasheet HTML 13Page - Analog Devices ADG5401 Datasheet HTML 14Page - Analog Devices ADG5401 Datasheet HTML 15Page - Analog Devices ADG5401 Datasheet HTML 16Page - Analog Devices ADG5401 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
ADG5401
OUTLINE DIMENSIONS
Figure 29. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
Figure 30. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
2 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADG5401BRMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
S2M
ADG5401BRMZ-RL7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
S2M
ADG5401BCPZ-RL7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-4
BR
1
Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
COPLANARITY
0.08
0.50
0.40
0.30
0.20 MIN
0.05 MAX
0.02 NOM
0.15 REF
0.50
PIN 1
INDICATOR
EXPOSED
PAD
BOTTOM VIEW
TOP VIEW
0.30
0.25
0.20
0.80
0.75
0.70
SEATING
PLANE
3.00 BSC
SIDE VIEW
1
4
8
5
2.00 BSC
INDEX
AREA
1.90
1.80
1.65
1.75
1.65
1.50
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
©2013–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11728-0-1/15(A)
Rev. A | Page 17 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com