Electronic Components Datasheet Search
  English  ▼

X  

ADG5404F Datasheet(PDF) 28 Page - Analog Devices

Part # ADG5404F
Description  Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404F Datasheet(HTML) 28 Page - Analog Devices

Back Button ADG5404F Datasheet HTML 22Page - Analog Devices ADG5404F Datasheet HTML 23Page - Analog Devices ADG5404F Datasheet HTML 24Page - Analog Devices ADG5404F Datasheet HTML 25Page - Analog Devices ADG5404F Datasheet HTML 26Page - Analog Devices ADG5404F Datasheet HTML 27Page - Analog Devices ADG5404F Datasheet HTML 28Page - Analog Devices ADG5404F Datasheet HTML 29Page - Analog Devices ADG5404F Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ADG5404F
Data Sheet
Rev. B | Page 28 of 30
APPLICATIONS INFORMATION
The overvoltage protected family of switches and multiplexers
provide a robust solution for instrumentation, industrial,
aerospace, and other harsh environments where overvoltage
signals can be present and the system must remain operational
both during and after the overvoltage has occurred.
POWER SUPPLY RAILS
To guarantee correct operation of the device, 0.1 µF decoupling
capacitors are required on the supply rails..
The ADG5404F can operate with bipolar supplies between ±5 V
and ±22 V. The supplies on VDD and VSS do not need to be
symmetrical, but the VDD to VSS range must not exceed 44 V. The
ADG5404F can also operate with single supplies between 8 V
and 44 V, with VSS connected to GND.
The ADG5404F is fully specified at the ±15 V, ±20 V, 12 V, and
36 V supply ranges.
POWER SUPPLY SEQUENCING PROTECTION
The switch channel remains open when the device is
unpowered, and signals from −55 V to +55 V can be applied
without damaging the device. Only when the supplies are
connected, a suitable digital control signal is placed on the Ax
pins, and the signal is within normal operating range does the
switch channel close. Placing the ADG5404F between external
connectors and sensitive components offers protection in
systems where a signal is presented to the source pins before the
supply voltages are available.
SIGNAL RANGE
The ADG5404F has overvoltage detection circuitry on the
inputs that compares the voltage levels at the source terminals
with VDD and VSS. To protect downstream circuitry from
overvoltage conditions, supply the ADG5404F with voltages
that match the intended signal range. The low on-resistance
switch allows signals up to the supply rails to be passed with
very little distortion. A signal that exceeds the supply rail by the
threshold voltage is then blocked. This signal block offers
protection to both the device and any downstream circuitry.
LOW IMPEDANCE CHANNEL PROTECTION
The ADG5404F can be used as a protective element in signal
chains that are sensitive to both channel impedance and
overvoltage signals. Traditionally, series resistors limit the
current during an overvoltage condition to protect susceptible
components.
These series resistors affect the performance of the signal chain
and reduce the signal chain precision. A compromise must be
reached on the value of the series resistance that is high enough
to sufficiently protect sensitive components, but low enough
that the precision performance of the signal chain is not
sacrificed.
The ADG5404F enables the designer to remove these resistors
and retain precision performance without compromising the
protection of the circuit.
POWER SUPPLY RECOMMENDATIONS
Analog Devices, Inc., has a wide range of power management
products to meet the requirements of most high performance
signal chains.
An example of a bipolar power solution is shown in Figure 52.
The ADP7118 and ADP7182 can be used to generate clean
positive and negative rails from the ADP5070 dual switching
regulator output. These rails can be used to power the
ADG5404F, the amplifier, and/or the precision converter in
a typical signal chain.
Figure 52. Bipolar Power Solution
Table 10. Recommended Power Management Devices
Product
Description
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with
independent positive and negative outputs
ADP7118
20 V, 200 mA, low noise, CMOS LDO
ADP7142
40 V, 200 mA, low noise, CMOS LDO
ADP7182
−28 V, −200 mA, low noise, linear regulator
HIGH VOLTAGE SURGE SUPPRESSION
The ADG5404F is not intended for use in very high voltage
applications. The maximum operating voltage of the transistor
is 80 V. In applications where the inputs are likely to be subject
to overvoltage conditions exceeding the breakdown voltage, use
transient voltage suppressors (TVSs) or similar devices.
INTELLIGENT FAULT DETECTION
The ADG5404F digital output pin, FF, can interface with a
microprocessor or control system and can be used as an
interrupt flag. This feature provides real-time diagnostic
information on the state of the device and the system to
which it connects.
The control system can use the digital interrupt, FF, to start a
variety of actions, as follows:
•
Initiating an investigation into the source of an overvoltage
fault.
•
Shutting down critical systems in response to the overvoltage
condition.
•
Using data recorders to mark data during these events as
unreliable or out of specification.
LDO
+15V
–15V
12V
INPUT
ADP7182
LDO
ADP5070
ADP7118
+16V
–16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com