Electronic Components Datasheet Search
  English  ▼

X  

ADG5404F Datasheet(PDF) 29 Page - Analog Devices

Part # ADG5404F
Description  Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404F Datasheet(HTML) 29 Page - Analog Devices

Back Button ADG5404F Datasheet HTML 22Page - Analog Devices ADG5404F Datasheet HTML 23Page - Analog Devices ADG5404F Datasheet HTML 24Page - Analog Devices ADG5404F Datasheet HTML 25Page - Analog Devices ADG5404F Datasheet HTML 26Page - Analog Devices ADG5404F Datasheet HTML 27Page - Analog Devices ADG5404F Datasheet HTML 28Page - Analog Devices ADG5404F Datasheet HTML 29Page - Analog Devices ADG5404F Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
ADG5404F
Rev. B | Page 29 of 30
For systems sensitive during a start-up sequence, the active low
operation of the flag allows the system to ensure that the
ADG5404F is powered on and that all input voltages are within
the normal operating range before initiating operation.
The FF pin is a weak pull-up, which allows the signals to
combine into a single interrupt for larger modules that contain
multiple devices.
The recovery time, tDIGREC, can be decreased from a typical 60 µs
to 600 ns by using a 1 kΩ pull-up resistor.
The specific fault digital output, SF can be used to decode
which inputs are experiencing a fault condition. The SF pin
reduces to below 0.8 V when a fault condition is detected on a
specific pin, depending on the state of F0 and F1 (see Table 9).
LARGE VOLTAGE, HIGH FREQUENCY SIGNALS
Figure 30 shows the voltage range and frequencies that the
ADG5404F can reliably convey. For signals extending across the
full signal range from VSS to VDD, keep the frequency below 3 MHz.
If the required frequency is greater than 3 MHz, decrease the signal
range appropriately to ensure signal integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com