Electronic Components Datasheet Search
  English  ▼

X  

ADG5412F Datasheet(PDF) 18 Page - Analog Devices

Part # ADG5412F
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5412F Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG5412F Datasheet HTML 14Page - Analog Devices ADG5412F Datasheet HTML 15Page - Analog Devices ADG5412F Datasheet HTML 16Page - Analog Devices ADG5412F Datasheet HTML 17Page - Analog Devices ADG5412F Datasheet HTML 18Page - Analog Devices ADG5412F Datasheet HTML 19Page - Analog Devices ADG5412F Datasheet HTML 20Page - Analog Devices ADG5412F Datasheet HTML 21Page - Analog Devices ADG5412F Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADG5412F/ADG5413F
Data Sheet
Rev. B | Page 18 of 28
Figure 29. Drain Output Response to Positive Overvoltage
Figure 30. Drain Output Response to Negative Overvoltage
Figure 31. Large Voltage Signal Tracking vs. Frequency
CH1 5.00V
CH3 5.00V
CH2 5.00V
M400ns
A CH2
10.1V
T
–10.00ns
2
T
DRAIN
SOURCE
VDD
CH1 5.00V
CH3 5.00V
CH2 5.00V
M400ns
A CH2
–14.7V
1
DRAIN
SOURCE
VSS
T
–10.00ns
24
20
16
12
8
4
0
100
10
1
FREQUENCY (MHz)
DISTORTIONLESS
OPERATING
REGION
TA = 25°C
VDD = +10V
VSS = –10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com