Electronic Components Datasheet Search
  English  ▼

X  

ADG5412F Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5412F
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5412F Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5412F Datasheet HTML 15Page - Analog Devices ADG5412F Datasheet HTML 16Page - Analog Devices ADG5412F Datasheet HTML 17Page - Analog Devices ADG5412F Datasheet HTML 18Page - Analog Devices ADG5412F Datasheet HTML 19Page - Analog Devices ADG5412F Datasheet HTML 20Page - Analog Devices ADG5412F Datasheet HTML 21Page - Analog Devices ADG5412F Datasheet HTML 22Page - Analog Devices ADG5412F Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADG5412F/ADG5413F
Rev. B | Page 19 of 28
TEST CIRCUITS
Figure 32. On Resistance
Figure 33. Off Leakage
Figure 34. On Leakage
Figure 35. Off Isolation
Figure 36. Channel-to-Channel Crosstalk
Figure 37. Switch Overvoltage Leakage
Figure 38. Switch Unpowered Leakage
Figure 39. Bandwidth
Figure 40. THD + N
IDS
Sx
Dx
VS
V
RON = V/IDS
VS
VD
Sx
Dx
A
A
IS (OFF)
ID (OFF)
Sx
Dx
A
VD
ID (ON)
NC
NC = NO CONNECT
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
INx
VIN
Sx
Dx
OFF ISOLATION = 20 log
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
Dx
S2
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VS
VOUT
|VS| > |VDD| OR |VSS|
Sx
Dx
A
A
IS
ID
RL
10kΩ
VS
VDD = VSS = GND = 0V
Sx
Dx
A
A
IS
ID
RL
10kΩ
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
INx
VIN
Sx
Dx
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
VOUT
RS
AUDIO
PRECISION
RL
10kΩ
INx
VIN
Sx
Dx
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com