Electronic Components Datasheet Search
  English  ▼

X  

ES5 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES5
Description  True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5 Datasheet(HTML) 6 Page - Cyrustek corporation

  ES5 Datasheet HTML 1Page - Cyrustek corporation ES5 Datasheet HTML 2Page - Cyrustek corporation ES5 Datasheet HTML 3Page - Cyrustek corporation ES5 Datasheet HTML 4Page - Cyrustek corporation ES5 Datasheet HTML 5Page - Cyrustek corporation ES5 Datasheet HTML 6Page - Cyrustek corporation ES5 Datasheet HTML 7Page - Cyrustek corporation ES5 Datasheet HTML 8Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver 1.1
14/10/21
6
ES5
True RMS-to-DC Converter
High-Accuracy Adjustments
The accuracy of the ES5 can be further improved by the external trimming scheme as
shown in Figure 2. The input should be grounded and R1 adjusted to give 0V output
offset from pin 9. Alternatively, R1 could be adjusted to give the correct output with the
lowest expected value of VIN. The R4 is in series with the pin13 to lower the range of
the scale factor. Connect the desired full scale to VIN by using a DC or AC signal (ex.
500mVRMS), and R3 is trimmed to give the correct value for a calibrated signal.
ABSOLUTE
VALUE
SQUARER/
BIAS
BUFFIN
COMMON
OUTPUT
CS
DEN
INPUT
+ Vs
1
2
3
4
5
7
6
NC
OFFSET
14
13
12
11
10
8
9
BUFFOUT
VIN
NC
+VS
RMSOUT
CAV
+ Vs
- Vs
- VS
VIN
NC
ES6
DIVIDER
+
-
+
-
+ CAV
VOUT
+
-
- Vs
+ Vs
SCALEFACTORTRM
R1
R2
R3
R4
4.7K
100K
500K
2K
4.7uF
150
Figure 2. Optional External Gain and Offset Trims
Chip Select
The ES5 provides a chip select pin (Pin 5). To enable the device, this pin must be
connected to +Vs. If it is connected to –Vs or floated, the device will enter power-down
mode. The current it draws at this mode is less than 10uA. (Figure 1.)
ES5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com