Electronic Components Datasheet Search
  English  ▼

X  

ES5 Datasheet(PDF) 7 Page - Cyrustek corporation

Part # ES5
Description  True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5 Datasheet(HTML) 7 Page - Cyrustek corporation

  ES5 Datasheet HTML 1Page - Cyrustek corporation ES5 Datasheet HTML 2Page - Cyrustek corporation ES5 Datasheet HTML 3Page - Cyrustek corporation ES5 Datasheet HTML 4Page - Cyrustek corporation ES5 Datasheet HTML 5Page - Cyrustek corporation ES5 Datasheet HTML 6Page - Cyrustek corporation ES5 Datasheet HTML 7Page - Cyrustek corporation ES5 Datasheet HTML 8Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver 1.1
14/10/21
7
ES5
True RMS-to-DC Converter
Choosing the Averaging Time Constant
The ES5 computes the RMS value of AC and DC signals. At low frequencies and DC,
the output tracks the input exactly; at higher frequencies, the average output approaches
the RMS value of the input signal. The actual output differs from the ideal by an
average (or DC) error plus some amount of ripple.
The DC error term is a function of the value of CAV and the input signal frequency. The
output ripple is inversely proportional to the value of CAV. Waveforms with high crest
factors, such as a pulse train with low duty cycle, should have an average time constant
chosen to be at least ten times the signal period.
Using a large value of CAV to remove the output ripple increases the setting time for a
step change in the input signal level.
The primary disadvantage in using a large CAV to remove ripple is that the settling time
for a step change in input level is increased proportionately. A better method to reduce
the settling time and ripple is to use a post filter. A suggested circuit is shown in Figure
3. The 1-pole or 2-pole filter configuration allows a smaller CAV. With post filter, the
value of CAV should be just large enough to give the maximum dc error at the lowest
frequency of interest. And the output ripple will be removed by the post filter.
ABSOLUTE
VALUE
SQUARER/
BIAS
BUFFIN
COMMON
OUTPUT
CS
DEN
INPUT
+ Vs
1
2
3
4
5
7
6
NC
OFFSET
14
13
12
11
10
8
9
BUFFOUT
VIN
NC
+VS
RMSOUT
CAV
+ Vs
- Vs
- VS
VIN
NC
ES6
DIVIDER
+
-
+
-
+ CAV
VOUT
+
-
FORASINGLE-POLE
BUFFOUT
+
+
FILTERSHORTR1
ANDREMOVEC1
C1
4.7K
R1 24K
24K
10uF
4.7uF
10uF
Figure 3. 2-Pole Filter
ES5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com