Electronic Components Datasheet Search
  English  ▼

X  

X40620 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X40620
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40620 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X40620 Datasheet HTML 9Page - Xicor Inc. X40620 Datasheet HTML 10Page - Xicor Inc. X40620 Datasheet HTML 11Page - Xicor Inc. X40620 Datasheet HTML 12Page - Xicor Inc. X40620 Datasheet HTML 13Page - Xicor Inc. X40620 Datasheet HTML 14Page - Xicor Inc. X40620 Datasheet HTML 15Page - Xicor Inc. X40620 Datasheet HTML 16Page - Xicor Inc. X40620 Datasheet HTML 17Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
X40620
Characteristics subject to change without notice.
13 of 17
POWER-UP AND POWER-DOWN TIMING
RESET Output Timing
V2FAIL Output Timing
Notes: (5) This parameter is periodically sampled and not 100% tested.
(6) Typical values not tested.
Symbol
Parameter
Min.
Typ.
Max.
Units
VTRIP
RESET Trip Point Voltage
2.4
–
3.5
V
V2TRIP
V2FAIL Trip Point Voltage
1.7
–
3.5
V
VTH
VTRIP Hysteresis (HIGH to LOW vs. LOW to HIGH VTRIP voltage)
40
mV
V2TA
V2TRIP Hysteresis (HIGH to LOW vs. LOW to HIGH VTRIP voltage)
40
mV
tPURST
Power-up Reset Timeout
75
150
225
ms
tDVC
(5)
Detect VCC Low Voltage to Reset Output (VCC = 2.3V)
65
µs
tDVB
(5)
Detect V2MON Low Voltage to Reset Output (VCC = 2.5-3.7V)
100
µs
tFV
(5)
VCC Fall Time
100
µs
tRV
(5)
VCC Rise Time
100
µs
tFB
(5)
V2MON Fall Time
500
n
s
tRB
(5)
V2MON Rise Time
500
n
s
VRVALID
Reset Valid VCC
1V
VCC
tPURST
tRV
tFV
tDVC
RESET
0 Volts
VVTRIP
VVTRIP
tPURST
V2MON
V2FAIL
tRB
tFB
tDVB
0 Volts
V2TRIP
V2TRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com