Electronic Components Datasheet Search
  English  ▼

X  

X40620 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X40620
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40620 Datasheet(HTML) 3 Page - Xicor Inc.

  X40620 Datasheet HTML 1Page - Xicor Inc. X40620 Datasheet HTML 2Page - Xicor Inc. X40620 Datasheet HTML 3Page - Xicor Inc. X40620 Datasheet HTML 4Page - Xicor Inc. X40620 Datasheet HTML 5Page - Xicor Inc. X40620 Datasheet HTML 6Page - Xicor Inc. X40620 Datasheet HTML 7Page - Xicor Inc. X40620 Datasheet HTML 8Page - Xicor Inc. X40620 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
X40620
Characteristics subject to change without notice.
3 of 17
When the internal low voltage detect circuitry senses
that V2MON is low, the V2FAIL pin goes active. Typi-
cally this would be used by the processor as an inter-
rupt to stop the execution of the code or to do
housekeeping in preparation for an impending power
failure.
The RESET and V2FAIL signals remain active until
VCC voltage drops below 1V. RESET remains active
until VCC returns and exceeds VTRIP for 200ms.
V2FAIL remains active until immediately after V2MON
returns and exceeds it’s minimum voltage.
Watchdog Timer
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the Start bit. The micropro-
cessor must send a start bit periodically to prevent a
RESET signal. The start bit must occur prior to the
expiration of the watchdog time-out period. The watch-
dog timer period is set at 150msec.
SERIAL MEMORY OPERATION
There are two primary modes of operation for the
X40620; READ and WRITE of the memory arrays.
The basic method of communication to the memory
areas of the device is established by generating a start
condition, then transmitting a command, followed by
the address. The user must perform ACK Polling to
determine the validity of the address, before starting a
data transfer (see Acknowledge Polling.)
Data is transferred in 8-bit segments, with each trans-
fer being followed by an ACK, generated by the receiv-
ing device.
If the X40620 is in a nonvolatile write cycle a “no ACK”
(SDA=HIGH) response will be issued in response to
loading of the command byte. If a stop is issued prior
to the start of a nonvolatile write cycle the write opera-
tion will be terminated and the part will reset and enter
into a standby mode.
The basic sequence is illustrated in Figure 1.
After each transaction is completed, the X40620 will
reset and enter into a standby mode.
Figure 1. X40620 Device Operation
V2FAIL
RESET
VSS
V2MON
SCL
WP
SDA
VCC
Volt
Reg
VCC
SCL
SDA
INTR
RESET
µC
OTP Mode
Enabled
Recommended Connection
Pin 1
Load Command Byte
Load 2 Byte Address
Read/Write
Data Bytes
TWC or Data ACK Polling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com