Electronic Components Datasheet Search
  English  ▼

X  

YMF753 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YMF753
Description  AC97 Revision2.2 Audio CODEC with Digital Audio I/F
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF753 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YMF753 Datasheet HTML 9Page - YAMAHA CORPORATION YMF753 Datasheet HTML 10Page - YAMAHA CORPORATION YMF753 Datasheet HTML 11Page - YAMAHA CORPORATION YMF753 Datasheet HTML 12Page - YAMAHA CORPORATION YMF753 Datasheet HTML 13Page - YAMAHA CORPORATION YMF753 Datasheet HTML 14Page - YAMAHA CORPORATION YMF753 Datasheet HTML 15Page - YAMAHA CORPORATION YMF753 Datasheet HTML 16Page - YAMAHA CORPORATION YMF753 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
YMF753
March 6, 2001
13
3Ah : DIT Control 1 (Read/Write, Default: 2000h)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
V
-
SPSR1-0
GL
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE COPY AUD# PRO
V ...................This bit determines V-bit (Validity flag) output from DIT.
“0” : The Validity flag is “0” (Valid).
“1” : The Validity flag is “1” (Invalid).
SPSR1-0 .......These bits determine sampling frequency of channel status output from DIT. These bits are
hardwired to “10b”, because SPDIF output of YMF753 is fixed to 48kHz.
GL.................This bit determines bit15: L-bit (Generation status) of channel status output from DIT. The
sense of Generation status is different by Category Code.
CC6-0 ...........These bits determine bit14-8: Category Code of channel status output from DIT.
PRE...............This bit determines bit3: Pre-emphasis of channel status output from DIT.
“0” : without Pre-emphasis
“1” : with Pre-emphasis of 50/15µs
COPY ...........This bit determines bit2: Copy protection of channel status output from DIT.
“0” : Copyright
“1” : No Copyright
AUD# ...........This bit determines bit1 of channel status output from DIT. If AC-3 or DTS is output, set to “1”.
“0” : PCM format
“1” : Non-PCM format
PRO ..............This bit determines bit0 of channel status output from DIT. It should be set to “0” as Consumer
use.
62h : Vendor Function (Read/Write, Default: 0224h)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
*
*
*
*
*
*
*
*
*
*
*
*
TX-7 EXEN
*
*
TX-7 .............This bit selects the pin function of No.47.
“0” : EAPD
“1” : DIT
EXEN ...........This bit selects whether EXT24M pin outputs clock or not.
“0” : EXT24M is power down state, and outputs low level.
“1” : EXT24M outputs the clock.
The bits except TX-7 and EXEN should not be changed from the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com