Electronic Components Datasheet Search
  English  ▼

X  

YMF753 Datasheet(PDF) 22 Page - YAMAHA CORPORATION

Part # YMF753
Description  AC97 Revision2.2 Audio CODEC with Digital Audio I/F
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF753 Datasheet(HTML) 22 Page - YAMAHA CORPORATION

Back Button YMF753 Datasheet HTML 18Page - YAMAHA CORPORATION YMF753 Datasheet HTML 19Page - YAMAHA CORPORATION YMF753 Datasheet HTML 20Page - YAMAHA CORPORATION YMF753 Datasheet HTML 21Page - YAMAHA CORPORATION YMF753 Datasheet HTML 22Page - YAMAHA CORPORATION YMF753 Datasheet HTML 23Page - YAMAHA CORPORATION YMF753 Datasheet HTML 24Page - YAMAHA CORPORATION YMF753 Datasheet HTML 25Page - YAMAHA CORPORATION YMF753 Datasheet HTML 26Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
YMF753
March 6, 2001
22
AC-link Low Power Mode
4-3. Master Clock & External Clock Out
Parameter
Symbol
Min.
Typ.
Max.
Unit
XTL_IN, EXT24M clock period
Tcycle
-
40.69
-
ns
XTL_IN clock duty
Duty-xtl
40
-
60
%
EXT24M clock duty
Duty-ext
40
-
60
%
XTL_IN & EXT24M
BIT_CLK
Ts2_pdown
Slot1
Slot2
SDATA_OUT
SDATA_IN
Don’t Care
Data PR4
Write to 26h
XTL_IN
Tcycle
EXT24M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com