Electronic Components Datasheet Search
  English  ▼

X  

TFS751 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS751
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS751 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS751 Datasheet HTML 1Page - Vectron International, Inc TFS751 Datasheet HTML 2Page - Vectron International, Inc TFS751 Datasheet HTML 3Page - Vectron International, Inc TFS751 Datasheet HTML 4Page - Vectron International, Inc TFS751 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 751.doc
Version 1.3
06.03.2009
Vectron International
Filter specification
TFS 751
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Ω
Output:
50
Ω
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 751,5 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
1,7
dB
max.
3,0
dB
(reference level)
Nominal frequency
fN
-
751,5
MHz
Passband
PB
-
fN
±
5,5
MHz
Pass band ripple
p-p
0,8
dB
max.
1,5
dB
Absolute attenuation
arel
776
MHz
...
787
MHz
35
dB
min.
15
dB
788
MHz
...
805
MHz
35
dB
min.
20
dB
806
MHz
...
849
MHz
33
dB
min.
20
dB
Return loss within PB
13
dB
min.
10
dB
Input power level
-
max.
15
dBm
Operating temperature range
OTR
-
- 25 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf *
-39
ppm/K
-
*)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS75 VECTRON-TFS75 Datasheet
56Kb / 3P
Filter specification
TFS755A VECTRON-TFS755A Datasheet
190Kb / 5P
Vectron International Filter specification
TFS755B VECTRON-TFS755B Datasheet
211Kb / 5P
Vectron International Filter specification
TFS756 VECTRON-TFS756 Datasheet
186Kb / 5P
VI TELEFILTER Filter specification
logo
Power Integrations, Inc...
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
More results

Similar Description - TFS751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS115L VECTRON-TFS115L Datasheet
86Kb / 5P
Vectron International Filter specification
TFS169F VECTRON-TFS169F Datasheet
86Kb / 5P
Vectron International Filter specification
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
Vectron International Filter specification
TFS1864A VECTRON-TFS1864A Datasheet
204Kb / 5P
Vectron International Filter specification
TFS1968 VECTRON-TFS1968 Datasheet
85Kb / 5P
Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
Vectron International Filter specification
TFS180G VECTRON-TFS180G Datasheet
191Kb / 5P
Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com