Electronic Components Datasheet Search
  English  ▼

X  

TFS751 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS751
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS751 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS751 Datasheet HTML 1Page - Vectron International, Inc TFS751 Datasheet HTML 2Page - Vectron International, Inc TFS751 Datasheet HTML 3Page - Vectron International, Inc TFS751 Datasheet HTML 4Page - Vectron International, Inc TFS751 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 751.doc
Version 1.3
06.03.2009
Vectron International
Filter specification
TFS 751
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Filter characteristic
651.5
671.5
691.5
711.5
731.5
751.5
771.5
791.5
811.5
831.5
851.5
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
frequency in MHz
insertion loss: -1.16 dB
731.5
735.5
739.5
743.5
747.5
751.5
755.5
759.5
763.5
767.5
771.5
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
731.5
735.5
739.5
743.5
747.5
751.5
755.5
759.5
763.5
767.5
771.5
-0.031
-0.01
0.011
0.032
0.053
0.074
0.095
0.116
0.137
0.158
0.179
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
2
3
4
5
6
0,6
0,1
0,6
13
6
4
Date code
Date code: Year + week
X
2009
A
2010
B
2011
...
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
751
● X08
50 Ω Test circuit
1, 3, 4, 6
L2
2
5
SAW
L1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com