Electronic Components Datasheet Search
  English  ▼

X  

SAA-3 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # SAA-3
Description  Single-Mode FC D-Shape ADAPTOR supplied
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SAA-3 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button SAA-3 Datasheet HTML 2Page - Seiko Instruments Inc SAA-3 Datasheet HTML 3Page - Seiko Instruments Inc SAA-3 Datasheet HTML 4Page - Seiko Instruments Inc SAA-3 Datasheet HTML 5Page - Seiko Instruments Inc SAA-3 Datasheet HTML 6Page - Seiko Instruments Inc SAA-3 Datasheet HTML 7Page - Seiko Instruments Inc SAA-3 Datasheet HTML 8Page - Seiko Instruments Inc SAA-3 Datasheet HTML 9Page - Seiko Instruments Inc SAA-3 Datasheet HTML 10Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3
3.4
Insertion Loss
Insertion loss of the adaptor and the measurement conditions shown in Table 4.
Figure 1 shows the measurement system.
Master Cord
Master Cord
Light-Source
Optical
Power Meter
Photo Detector
Master Plug
Master Plug
Measured Adaptor
Figure 1 Insertion loss measurement system
Table 4 Insertion loss and the measurement conditions
Parts Number
SAA-3 1uu00
( Slit Sleeve : Phosphor Bronze )
SAA-3 2uu00
( Slit Sleeve : Zirconia Ceramics )
Insertion Loss
0.7dB or Less
0.4dB or Less
Conditions
Light-Source
LD or LED
LD
Wavelength
1.3
µm
1.3
µm
Master Cord
Terminated
Flat Polishing with Buffing
PC Polishing
4.
PACKING
The product is packed to prevent damage during shippment.
5.
SHIPPING INSPECTION
The insertion loss inspected before shipping.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com