Electronic Components Datasheet Search
  English  ▼

X  

SAA-3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # SAA-3
Description  Single-Mode FC D-Shape ADAPTOR supplied
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SAA-3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  SAA-3 Datasheet HTML 1Page - Seiko Instruments Inc SAA-3 Datasheet HTML 2Page - Seiko Instruments Inc SAA-3 Datasheet HTML 3Page - Seiko Instruments Inc SAA-3 Datasheet HTML 4Page - Seiko Instruments Inc SAA-3 Datasheet HTML 5Page - Seiko Instruments Inc SAA-3 Datasheet HTML 6Page - Seiko Instruments Inc SAA-3 Datasheet HTML 7Page - Seiko Instruments Inc SAA-3 Datasheet HTML 8Page - Seiko Instruments Inc SAA-3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DOCUMENT NUMBER NCD-4NC1-02
SAA-3 Series
Single-Mode
FC D-Shape ADAPTOR
TECHNICAL SPECIFICATIONS
Seiko Instruments Inc.
Components Sales Dept.
8, Nakase 1-Chome
Mihama-ku, Chiba-shi, Chiba-ken
261 JAPAN
Telephone : 043-211-1214
-1215
Facsimile : 043-211-8035


Similar Part No. - SAA-3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SAA-0204-060-SMA FAIRVIEW-SAA-0204-060-SMA Datasheet
488Kb / 7P
Voltage Variable PIN Diode Attenuator from 0 to 60 dB 2 GHz to 4 GHz and SMA 15-Pin D-Subminiature Control
SAA-0406-040-SMA FAIRVIEW-SAA-0406-040-SMA Datasheet
447Kb / 8P
Voltage Variable PIN Diode Attenuator from 0 to 40 dB 400 MHz to 6 GHz and SMA 15-Pin D-Subminiature Control
SAA-0408-060-SMA FAIRVIEW-SAA-0408-060-SMA Datasheet
526Kb / 8P
Voltage Variable PIN Diode Attenuator from 0 to 60 dB 4 GHz to 8 GHz and SMA 15-Pin D-Subminiature Control
SAA-0812-060-SMA FAIRVIEW-SAA-0812-060-SMA Datasheet
488Kb / 7P
Voltage Variable PIN Diode Attenuator from 0 to 60 dB 6 GHz to 12 GHz and SMA 15-Pin D-Subminiature Control
logo
Seiko Instruments Inc
SAA-1 SII-SAA-1 Datasheet
66Kb / 9P
Single-Mode FC ADAPTOR supplied
More results

Similar Description - SAA-3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
SAA-1 SII-SAA-1 Datasheet
66Kb / 9P
Single-Mode FC ADAPTOR supplied
logo
Pasternack Enterprises,...
PE300012-1 PASTERNACK-PE300012-1 Datasheet
253Kb / 1P
CABLE ASSEMBLY FC TO FC SIMPLEX SINGLE MODE
PE300012-3 PASTERNACK-PE300012-3 Datasheet
253Kb / 1P
CABLE ASSEMBLY, FC TO FC SIMPLEX, SINGLE MODE
PE300012-5 PASTERNACK-PE300012-5 Datasheet
253Kb / 1P
CABLE ASSEMBLY FC TO FC SIMPLEX SINGLE MODE
PE700000-5 PASTERNACK-PE700000-5 Datasheet
118Kb / 1P
FC ATTENUATOR, SINGLE MODE
PE700000-10 PASTERNACK-PE700000-10 Datasheet
119Kb / 1P
FC ATTENUATOR, SINGLE MODE
PE700000-15 PASTERNACK-PE700000-15 Datasheet
117Kb / 1P
FC ATTENUATOR, SINGLE MODE
PE700000-20 PASTERNACK-PE700000-20 Datasheet
118Kb / 1P
FC ATTENUATOR, SINGLE MODE
PE700000-25 PASTERNACK-PE700000-25 Datasheet
139Kb / 1P
FC ATTENUATOR, SINGLE MODE
PE700000-30 PASTERNACK-PE700000-30 Datasheet
118Kb / 1P
FC ATTENUATOR, SINGLE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com