Electronic Components Datasheet Search
  English  ▼

X  

TFS1007 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1007
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1007 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1007 Datasheet HTML 1Page - Vectron International, Inc TFS1007 Datasheet HTML 2Page - Vectron International, Inc TFS1007 Datasheet HTML 3Page - Vectron International, Inc TFS1007 Datasheet HTML 4Page - Vectron International, Inc TFS1007 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1007.doc
Version 1.4
02.12.2008
Vectron International
Filter specification
TFS 1007
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Ω
Output:
50
Ω
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 1007 is the minimum attenuation in the pass band. The maximum attenuation in the pass
band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1007,1 MHz without any tolerance or limit. The values of relative attenuation
arel are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the
production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
2,0
dB
max.
3,0
dB
Nominal frequency
fN
-
1007,1
MHz
Passband
PB
-
fN
±
12,5
MHz
Pass band ripple
0,9
dB
max.
1,5
dB
Relative attenuation
arel
10
MHz
...
862
MHz
34
dB
min.
20
dB
1152
MHz
... 2000
MHz
37
dB
min.
20
dB
Return loss within PB
12
dB
min.
10
dB
Input power level
-
max.
10
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf *
-42
ppm/K
-
*) ∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
Generated:
Checked / Approved:
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS1007

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1000 VECTRON-TFS1000 Datasheet
83Kb / 5P
Vectron International Filter specification
TFS1003 VECTRON-TFS1003 Datasheet
159Kb / 5P
VI TELEFILTER Filter specification
TFS100A VECTRON-TFS100A Datasheet
32Kb / 3P
Filter Specification
TFS100B VECTRON-TFS100B Datasheet
53Kb / 3P
Filter Specification - RV04
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
Preliminary Specification
More results

Similar Description - TFS1007

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS115L VECTRON-TFS115L Datasheet
86Kb / 5P
Vectron International Filter specification
TFS169F VECTRON-TFS169F Datasheet
86Kb / 5P
Vectron International Filter specification
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
Vectron International Filter specification
TFS1864A VECTRON-TFS1864A Datasheet
204Kb / 5P
Vectron International Filter specification
TFS1968 VECTRON-TFS1968 Datasheet
85Kb / 5P
Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
Vectron International Filter specification
TFS180G VECTRON-TFS180G Datasheet
191Kb / 5P
Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com