Electronic Components Datasheet Search
  English  ▼

X  

TFS1007 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS1007
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1007 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS1007 Datasheet HTML 1Page - Vectron International, Inc TFS1007 Datasheet HTML 2Page - Vectron International, Inc TFS1007 Datasheet HTML 3Page - Vectron International, Inc TFS1007 Datasheet HTML 4Page - Vectron International, Inc TFS1007 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 1007.doc
Version 1.4
02.12.2008
Vectron International
Filter specification
TFS 1007
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Filter characteristic
987
991
995
999
1003
1007
1011
1015
1019
1023
1027
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
987
991
995
999
1003
1007
1011
1015
1019
1023
1027
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
frequency in MHz
0
Construction and pin connection
(All dimensions in mm)
50 Ω Test circuit
L1
SAW
L2
2
5
1, 3, 4, 6
A07
● W26
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
Date code: Year + week
W
2008
X
2009
A
2010
...
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
magnitude in dB
frequency in MHz
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com