Electronic Components Datasheet Search
  English  ▼

X  

SP2026 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP2026
Description  2.7V to 5.5V USB Power Control Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2026 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP2026 Datasheet HTML 5Page - Sipex Corporation SP2026 Datasheet HTML 6Page - Sipex Corporation SP2026 Datasheet HTML 7Page - Sipex Corporation SP2026 Datasheet HTML 8Page - Sipex Corporation SP2026 Datasheet HTML 9Page - Sipex Corporation SP2026 Datasheet HTML 10Page - Sipex Corporation SP2026 Datasheet HTML 11Page - Sipex Corporation SP2026 Datasheet HTML 12Page - Sipex Corporation SP2026 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Rev. 1/23/02
SP2026 +2.7V to +5.5V USB Power Control Switch
© Copyright 2002 Sipex Corporation
SP2026
®
®
ENA 1
FLGA 2
FLGB 3
ENB 4
USB
Controller
USB
Cable
4.7
µF
8 OUTA
7 IN
6 GND
5 OUTB
0.1
µF
C
BULK
USB
Cable
Downstream
USB Device
USB Powered Hub
USB Host
VBUS
GND
Figure 5. Soft Start Circuit Configuration for a Single Channel USB-powered Application with the SP2026
Figure 6. Soft Start Circuit Configuration for SP2026 Applications with Large Load Capacitances
SP2026-2
®
®
ENA 1
FLGA 2
FLGB 3
ENB 4
USB
Controller
4.7
µF
8 OUTA
7 IN
6 GND
5 OUTB
0.1
µF
C
BULK
USB
Cable
USB Peripheral
USB Host
VBUS
GND
C
BULK
OUTA
OUTB
GND
GND
PORT A
PORT B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com