Electronic Components Datasheet Search
  English  ▼

X  

SP2026 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP2026
Description  2.7V to 5.5V USB Power Control Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2026 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP2026 Datasheet HTML 6Page - Sipex Corporation SP2026 Datasheet HTML 7Page - Sipex Corporation SP2026 Datasheet HTML 8Page - Sipex Corporation SP2026 Datasheet HTML 9Page - Sipex Corporation SP2026 Datasheet HTML 10Page - Sipex Corporation SP2026 Datasheet HTML 11Page - Sipex Corporation SP2026 Datasheet HTML 12Page - Sipex Corporation SP2026 Datasheet HTML 13Page - Sipex Corporation SP2026 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Rev. 1/23/02
SP2026 +2.7V to +5.5V USB Power Control Switch
© Copyright 2002 Sipex Corporation
Figure 10. On-state Supply Current vs. Supply Voltage
Supply Current vs. Supply Voltage
60
70
80
90
100
110
120
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Figure 7. Output On-Resistance vs. Supply Voltage
Figure 8. Output On-Resistance vs. Temperature
Figure 9. Control Threshold vs. Supply Voltage
PERFORMANCE CHARACTERISTICS
V
IN = +5.0V, single MOSFET switch section, and TAMB = +25
OC unless otherwise noted.
Output On-Resistance vs. Supply Voltage
80
84
88
92
96
100
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
Output On-Resistance vs. Temperature
60
70
80
90
100
110
120
-40
-20
0
20
40
60
80
100
Temperature (°C)
Vcc=5V
Enable Threshold Voltage vs. Supply Voltage
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
Enable Voltage Rising
Enable Voltage Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com