Electronic Components Datasheet Search
  English  ▼

X  

LM20143 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM20143
Description  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM20143 Datasheet HTML 17Page - Texas Instruments LM20143 Datasheet HTML 18Page - Texas Instruments LM20143 Datasheet HTML 19Page - Texas Instruments LM20143 Datasheet HTML 20Page - Texas Instruments LM20143 Datasheet HTML 21Page - Texas Instruments LM20143 Datasheet HTML 22Page - Texas Instruments LM20143 Datasheet HTML 23Page - Texas Instruments LM20143 Datasheet HTML 24Page - Texas Instruments LM20143 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
˜
SS
SS
SS
0.8V C
t
I
RT =
154750
fSW
- 55
LM20143, LM20143-Q1
www.ti.com
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
8.2.1.2.6
Adjusting the Operating Frequency (RT)
The LM20143 supports a wide range of switching frequencies from 500 kHz to 1.5 MHz. The operating frequency
of the LM20143 can be adjusted by connecting a resistor from the RT pin to ground. The choice of switching
frequency is usually a compromise between efficiency and the size of the circuit. Lower switching frequency
implies reduced switching losses, usually resulting in higher overall efficiency. However, higher switching
frequency allows use of smaller inductor and output capacitor components, resulting in a smaller design. The
optimal switching frequency is usually a tradeoff in a given application and thus should be determined on a case-
by-case basis. For the design example a relatively high switching frequency was selected to minimize circuit size.
Equation 10 can be used to calculate the value of RT for a given operating frequency.
where
•
fSW is the switching frequency in kHz
•
RT is the frequency adjust resistor in kΩ
(10)
Please refer to the curve Oscillator Frequency verses RT in the typical performance characteristics section. If the
RT resistor is omitted the device will not operate.
For the example design RT was calculated to be 49.9 k
Ω to give a switching frequency of 1.5 MHz.
8.2.1.2.7
AVIN Filtering Components (CF and RF)
To prevent high frequency noise spikes from disturbing the sensitive analog circuitry connected to the AVIN and
AGND pins, a high frequency RC filter is required between PVIN and AVIN. These components are shown in
Figure 32 as CF and RF. The required value for RF is 1 Ω. CF must be used. Recommended value of CF is 1.0
µF. The filter capacitor, CF should be placed as close to the IC as possible with a direct connection from AVIN to
AGND. A good quality X5R or X7R ceramic capacitor should be used for CF.
For the example design, RF 1 Ω and CF is 1.0 µF, providing greater than 16 dB of attenuation at the set 1.5-MHz
switching frequency.
8.2.1.2.8
Sub-Regulator Bypass Capacitor (CVCC)
The capacitor at the VCC pin provides noise filtering and stability for the internal sub-regulator. The
recommended value of CVCC should be no smaller than 1 µF and no greater than 10 µF. The capacitor should be
a good quality ceramic X5R or X7R capacitor. In general, a 1-µF ceramic capacitor is recommended for most
applications. In the example design, CVCC is 1 µF.
8.2.1.2.9
Setting the Start Up Time (CSS)
The addition of a capacitor connected from the SS pin to ground sets the time at which the output voltage will
reach the final regulated value. Larger values for CSS will result in longer start up times. While the Soft-Start
capacitor can be sized to meet many start up requirements, there are limitations to its size. The Soft-Start time
can never be faster than 1 ms due to the internal default 1-ms start up time. When the device is enabled there is
an approximate time interval of 50
μs when the Soft-Start capacitor will be discharged just prior to the Soft-Start
ramp. If the enable pin is rapidly pulsed or the Soft-Start capacitor is large there may not be enough time for CSS
to completely discharge resulting in start up times less than predicted. To aid in discharging of Soft-Start
capacitor during long disable periods an external 1-M
Ω resistor from SS/TRK to ground can be used without
greatly affecting the start up time. Equation 11 can be used to calculate the desired soft start time. For the
LM20143, ISS is nominally 5 µA, that may be found in the electrical characteristics table.
(11)
For the example design the start-up time was set to be around 5ms resulting in a 33 nF capacitor.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20143 LM20143-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com