Electronic Components Datasheet Search
  English  ▼

X  

LM20143 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM20143
Description  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143 Datasheet(HTML) 4 Page - Texas Instruments

  LM20143 Datasheet HTML 1Page - Texas Instruments LM20143 Datasheet HTML 2Page - Texas Instruments LM20143 Datasheet HTML 3Page - Texas Instruments LM20143 Datasheet HTML 4Page - Texas Instruments LM20143 Datasheet HTML 5Page - Texas Instruments LM20143 Datasheet HTML 6Page - Texas Instruments LM20143 Datasheet HTML 7Page - Texas Instruments LM20143 Datasheet HTML 8Page - Texas Instruments LM20143 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM20143, LM20143-Q1
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
AVIN, PVIN, EN, PGOOD, SS/TRK, COMP, FB, RT
Voltages from indicated pins to GND
–0.3
6
V
Power Dissipation(2)
2.6
W
Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junctions-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX – TA) / θJA. The maximum power dissipations of 2.6 W is determined using TA = 25°C, θJA = 38°C/W, and
TJ_MAX = 125°C.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
PVIN, AVIN to GND
2.95
5.5
V
Junction Temperature
−40
125
°C
6.4 Thermal Information
LM20143
THERMAL METRIC(1)
PWP (HTSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance (2)
39.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance (3)
20.3
°C/W
RθJB
Junction-to-board thermal resistance
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
9.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
12.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
On JEDEC 4-Layer test board (JESD 51-7) with eight (8) thermal vias.
(3)
θJC refers to center of the Exposed Pad on the bottom of the package as the case.
4
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: LM20143 LM20143-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com