Electronic Components Datasheet Search
  English  ▼

X  

PE2V012 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE2V012
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2V012 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE2V012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Data
PE2V012 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase
Noise of -84 dBc/Hz and 0.175 inch Package PE2V012
Voltage Control Oscillators Technical Data Sheet
PE2V012
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 4.8 GHz to 5.7 GHz, Phase Noise
of -84 dBc/Hz and 0.175 inch Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com