Electronic Components Datasheet Search
  English  ▼

X  

PE2V012 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE2V012
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2V012 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE2V012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE2V012 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175
inch Package from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise
of -84 dBc/Hz and 0.175 inch Package PE2V012
URL: http://www.pasternack.com/surface-mount-smt-voltage-controlled-oscillator-vco-5.7-ghz-pe2v012-p.aspx
PE2V012 REV 1.0
Voltage Control Oscillators Technical Data Sheet
PE2V012
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 4.8 GHz to 5.7 GHz, Phase Noise
of -84 dBc/Hz and 0.175 inch Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com