Electronic Components Datasheet Search
  English  ▼

X  

M02016 Datasheet(PDF) 12 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 12 Page - M/A-COM Technology Solutions, Inc.

Back Button M02016 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
M02016
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
12
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
3.2
General Description
3.2.1
TIA (Transimpedance Amplifier)
The transimpedance amplifier consists of a high gain single-ended CMOS amplifier (TIA) with a feedback resistor.
The feedback creates a virtual earth low impedance at the input and virtually all of the input current passes through
the feedback resistor, defining the voltage at the output. Advanced CMOS design techniques are employed to
maintain the stability of this stage across all input conditions.
An on-chip low dropout linear regulator has been incorporated into the design to give excellent noise rejection up to
several MHz. Higher frequency power supply noise is removed by the external 470 pF decoupling capacitor
connected to PINK.
The circuit is designed for PIN photodiodes in the “grounded cathode” configuration, with the anode connected to
the input of the TIA and the cathode connected to AC ground, such as the provided PINK terminal. Reverse DC
bias is applied to reduce the photodiode capacitance. Avalanche photodiodes can be connected externally to a
higher voltage.
3.2.2
AGC
The M02016 has been designed to operate over the input range of +6 dBm to –29 dBm. This represents a ratio of
1:3000 whereas the acceptable dynamic range of the output is only 1:30 which implies a compression of 100:1 in
the transimpedance. The design uses a MOS transistor operating as a “voltage controlled resistor” to achieve the
transimpedance variation.
Another feature of the AGC is that it only operates on signals greater than –22 dBm (@ 0.9 A/W). This knee in the
gain response is important when setting “signal detect” functions in the following post amplifier. It also aids in active
photodiode alignment.
The AGC pad allows the AGC to be disabled during photodiode alignment by grounding the pad through a low
impedance. The AGC control voltage can be monitored during normal operation at this pad by a high impedance
(>10 M
Ω) circuit.
3.2.3
Output Stage
The signal from the TIA enters a phase splitter followed by a DC-shift stage and a pair of voltage follower outputs.
These are designed to drive a differential (100
Ω) load. They are stable for driving capacitive loads, such as
interstage filters. Each output has its own GND pad, all four GND pads on the chip should be connected for proper
operation. Since the M02016 exhibits rapid roll-off (3 pole), simple external filtering is sufficient.
3.2.4
Monitor O/P
High impedance output sources a replica average photodiode current for photo-alignment use. The accuracy of
this signal does not meet the DDMI Receive Power Specification (SFP-8472) and it is not intended be used as
such. It is possible to use the MACOM M0204x/50 limiting amplifiers’ RxAVGIN pin to bias the photodiode cathode
to provide an SFP-8472 compliant monitoring function. Ensure that the voltage on VMON is in the range of 1V to
VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com