Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6121 Datasheet HTML 1Page - Sipex Corporation SP6121 Datasheet HTML 2Page - Sipex Corporation SP6121 Datasheet HTML 3Page - Sipex Corporation SP6121 Datasheet HTML 4Page - Sipex Corporation SP6121 Datasheet HTML 5Page - Sipex Corporation SP6121 Datasheet HTML 6Page - Sipex Corporation SP6121 Datasheet HTML 7Page - Sipex Corporation SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Date: 5/25/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
1
SP6121
■ Optimized for Single Input Voltage - 3V to 5.5V
■ High Efficiency: Greater than 95% possible
■ Accurate, 500kHz Fixed Frequency Operation
■ Fast Transient Response
■ 500µA, IQ (25µA in Shutdown)
■ Internal, 0.4 V/ms, Soft Start Circuit
■ Precision 1% Reference
■ Resistor Programmable Output Voltage
■ Lossless Adjustable Current Limit with
■ High Side RDS(ON) Sensing
■ 0% to 100% Duty Cycle Range
■ High Side PMOS Switch Negates Need for
■ External Charge Pump
■ Output Over Voltage Protection
■ Hiccup Mode Current Limit Protection
Low Voltage, Synchronous Step Down PWM Controller
Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
APPLICATIONS
■ Supply Bias for
- DSP
- Microprocessor Core
- I/O & Logic
■ Video Cards
■ Board Level Supply in
Distributed Power Systems
®
DESCRIPTION
The SP6121 is a fixed frequency, voltage mode, synchronous PWM controller designed to work
from a single 5V or 3.3V input supply, providing excellent AC and DC regulation for high efficiency
power conversion. The operating frequency is internally set at 500kHz, permitting the use of
small, surface mount inductors and capacitors. Requiring only few external components, the
SP6121 packaged in an 8-pin SOIC, is especially suited for low voltage applications where cost,
small size and high efficiency are critical. With its low voltage capability and inherent 100% duty
cycle operation, the SP6121 allows low dropout operation in the event of a low input supply
voltage condition.
Q1 = FAIRCHILD FDS6375
Q2 = FAIRCHILD FDS6690A
DS = STMICROELECTRONICS STPS2L25BU
L1 = PANASONIC ETQ-P6F1R6SFA
C
OUT = SANYO 4TPB470M
1
2
3
4
5
6
7
8
COMP
VFB
GND
PDRV
NDRV
ISET
ISENSE
VCC
SP6121
8 Pin SOIC
VCC
CB
3.3µF
CIN
47µF
Ceramic 6.3V
ISET
3.3V
VIN
PDRV
GND
COMP
SP6121
U1
®
®
VFB
NDRV
ISENSE
CP
50pF
RZ
10k
VOUT
1.8µH
L1
COUT
470µF x 2
RSET
2.3k
1.9V 8A
Q1
CZ
3.7nF
Q2
RVCC
5
DS
R1
5.2k
R2
10k
FEATURES
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging


Similar Part No. - SP6121

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6121 SIPEX-SP6121 Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
SP6121EB SIPEX-SP6121EB Datasheet
419Kb / 6P
Demo Board Manual
More results

Similar Description - SP6121

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
2A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com