Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVT
Description  1-A Step Down Converter in 2 x 2 DRV Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62290DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62290DRVT Datasheet HTML 1Page - Texas Instruments TPS62290DRVT Datasheet HTML 2Page - Texas Instruments TPS62290DRVT Datasheet HTML 3Page - Texas Instruments TPS62290DRVT Datasheet HTML 4Page - Texas Instruments TPS62290DRVT Datasheet HTML 5Page - Texas Instruments TPS62290DRVT Datasheet HTML 6Page - Texas Instruments TPS62290DRVT Datasheet HTML 7Page - Texas Instruments TPS62290DRVT Datasheet HTML 8Page - Texas Instruments TPS62290DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
Ex
po
se
d
Th
er
m
al
Pa
d
TPS62290, TPS62291, TPS62293
www.ti.com
SLVS764F – JUNE 2007 – REVISED JANUARY 2016
5 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE(1)
DEVICE MARKING(2)
TPS62290
Adjustable
BYN
TPS62291
3.3 V fixed
CFY
TPS62293
1.8 V fixed
CFD
(1)
Contact TI for other fixed output voltage options
(2)
For the most current package and ordering information, see Mechanical, Packaging, and Orderable Information, or see the TI website at
www.ti.com
6 Pin Configuration and Functions
DRV Package
6-PIN SON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling
EN
4
IN
this pin to high enables the device. This pin must be terminated.
Feedback pin for the internal regulation loop. Connect the external resistor divider to this pin. In case of
FB
3
IN
fixed output voltage option, connect this pin directly to the output capacitor
GND
6
PWR
GND supply pin
MODE pin = High forces the device to operate in fixed-frequency PWM mode. Mode pin = Low enables
MODE
2
IN
the power save mode with automatic transition from PFM mode to fixed-frequency PWM mode.
This is the switch pin and is connected to the internal MOSFET switches. Connect the external inductor
SW
1
OUT
between this terminal and the output capacitor.
VIN
5
PWR
VIN power supply pin.
Exposed
Thermal
Connect the exposed thermal pad to GND.
Pad
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com