Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVT
Description  1-A Step Down Converter in 2 x 2 DRV Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62290DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62290DRVT Datasheet HTML 1Page - Texas Instruments TPS62290DRVT Datasheet HTML 2Page - Texas Instruments TPS62290DRVT Datasheet HTML 3Page - Texas Instruments TPS62290DRVT Datasheet HTML 4Page - Texas Instruments TPS62290DRVT Datasheet HTML 5Page - Texas Instruments TPS62290DRVT Datasheet HTML 6Page - Texas Instruments TPS62290DRVT Datasheet HTML 7Page - Texas Instruments TPS62290DRVT Datasheet HTML 8Page - Texas Instruments TPS62290DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
30
40
50
60
70
80
90
100
0.00001 0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =4.2V
IN
V =3.8V
IN
V =5V
IN
V =4.5V
IN
V
=3.3V,
MODE=GND,
L =2.2 H
OUT
m
TPS62290DRV
V
2.7 V to 6.0 V
IN
R
360 k
1
W
V
1.8 V,
1000 mA
OUT
R
180 k
2
W
VIN
GND
EN
FB
SW
COUT
MODE
C
10 F
IN
m
L1
2.2 H
m
C
22 pF
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62290, TPS62291, TPS62293
SLVS764F – JUNE 2007 – REVISED JANUARY 2016
TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
1 Features
3 Description
The
TPS6229x
devices
are
highly
efficient
1
•
High Efficiency - up to 96%
synchronous step down DC/DC converters optimized
•
Output Current up to 1000 mA
for battery powered portable applications. They
•
VIN Range From 2.3 V to 6.0V for Li-ion Batteries
provide up to 1000-mA output current from a single
with Extended Voltage Range
Li-ion cell.
•
2.25-MHz Fixed Frequency Operation
With an input voltage range of 2.3 V to 6.0 V, the
•
Power Save Mode at Light Load Currents
devices support batteries with extended voltage
range and are ideal to power portable applications
•
Output Voltage Accuracy in PWM Mode ±1.5%
like mobile phones and other portable equipment.
•
Fixed Output Voltage Options
The TPS6229x devices operate at 2.25-MHz fixed
•
Typical 15-
μA Quiescent Current
switching frequency and enter power save mode
•
100% Duty Cycle for Lowest Dropout
operation at light load currents to maintain high
•
Voltage Positioning at Light Loads
efficiency over the entire load current range.
•
Available in a 2-mm × 2-mm × 0.8-mm WSON (6)
The power save mode is optimized for low output
Package (DRV)
voltage ripple. For low noise applications, the devices
can be forced into fixed frequency pulse width
2 Applications
modulation (PWM) mode by pulling the MODE pin
high. In the shutdown mode, the current consumption
•
Mobile Phones, Smart-Phones
is reduced to less than 1
μA. The TPS6229x devices
•
Wireless LAN
allow the use of small inductors and capacitors to
•
Pocket PCs
achieve a small solution size.
•
Low Power DSP Supply
The TPS6229x devices operate over a free air
temperature range of –40°C to 85°C. The devices are
•
Portable Media Players
available in a 2-mm × 2-mm 6-pin WSON package
•
Point-of-Load (POL) Applications
(DRV).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6229x
SON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62290DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290DRVT TI-TPS62290DRVT Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVT TI-TPS62290DRVT Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVT TI-TPS62290DRVT Datasheet
986Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVT TI1-TPS62290DRVT Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
TPS62290DRVTG4 TI-TPS62290DRVTG4 Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
More results

Similar Description - TPS62290DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com