Electronic Components Datasheet Search
  English  ▼

X  

SP6123ACN Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP6123ACN
Description  Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6123ACN Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP6123ACN Datasheet HTML 10Page - Sipex Corporation SP6123ACN Datasheet HTML 11Page - Sipex Corporation SP6123ACN Datasheet HTML 12Page - Sipex Corporation SP6123ACN Datasheet HTML 13Page - Sipex Corporation SP6123ACN Datasheet HTML 14Page - Sipex Corporation SP6123ACN Datasheet HTML 15Page - Sipex Corporation SP6123ACN Datasheet HTML 16Page - Sipex Corporation SP6123ACN Datasheet HTML 17Page - Sipex Corporation SP6123ACN Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Date: 5/25/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
Figure 5. A voltage divider connected to the VFB pin
programs the output voltage.
®
®
VFB
VOUT
SP6123
R1
R2
Overcurrent Protection
Over current protection on the SP6123 is imple-
mented through detection of an excess voltage
condition across the high side switch during
conduction. This is typically referred to as high
side RDS(ON) detection. By using the RDS(ON) of
Q1 to measure the output current, the current
limit circuit eliminates the sense resistor that
would otherwise be required and the corre-
sponding loss associated with it. This improves
the overall efficiency and reduces the number of
components in the power path benefiting size
and cost. RDS(ON) sensing is by default inaccu-
rate and is primarily meant to protect the power
supply during a fault condition. The overcurrent
trip point will vary from unit to unit as the
RDS(ON) of MOSFET varies. The SP6123 pro-
vides a built-in 200mV threshold between the
VCC and SWN pins.
The overcurrent threshold can be calculated as
IMAX =
200mV
RDS(ON)
To ensure accurate current sensing, the VCC pin
should be connected directly to the drain of the
high side MOSFET. A RC filter on the VCC pin
is not recommended because it would artifi-
cially alter the current signal and reduce the
overcurrent threshold from the value given by
the equation.
Output Voltage Program
As shown in Figure 5, the voltage divider con-
necting to the VFB pin programs the output
voltage according to
VOUT = 0.8(1 +
R1
)
R2
where 0.8V is the internal reference voltage.
Select R2 in the range of 10k to 100k, and R1 can
be calculated using
R1 = R2(VOUT – 0.8)
0.8
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com