Electronic Components Datasheet Search
  English  ▼

X  

SP6123ACN Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP6123ACN
Description  Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6123ACN Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP6123ACN Datasheet HTML 10Page - Sipex Corporation SP6123ACN Datasheet HTML 11Page - Sipex Corporation SP6123ACN Datasheet HTML 12Page - Sipex Corporation SP6123ACN Datasheet HTML 13Page - Sipex Corporation SP6123ACN Datasheet HTML 14Page - Sipex Corporation SP6123ACN Datasheet HTML 15Page - Sipex Corporation SP6123ACN Datasheet HTML 16Page - Sipex Corporation SP6123ACN Datasheet HTML 17Page - Sipex Corporation SP6123ACN Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
Date: 5/25/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Operating Temperature Range
Package Type
500kHz
SP6123ACN ............................................. 0˚C to +70˚C ........................................... 8-Pin NSOIC
SP6123ACN/TR ....................................... 0˚C to +70˚C ........................................... 8-Pin NSOIC
300kHz
SP6123CN ............................................... 0˚C to +70˚C ........................................... 8-Pin NSOIC
SP6123CN/TR ......................................... 0˚C to +70˚C .......................................... 8-Pin NSOIC
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6123CN/TR = standard; SP6123CN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2500 for NSOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com