Electronic Components Datasheet Search
  English  ▼

X  

SP6649 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6649
Description  Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6649 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6649 Datasheet HTML 1Page - Sipex Corporation SP6649 Datasheet HTML 2Page - Sipex Corporation SP6649 Datasheet HTML 3Page - Sipex Corporation SP6649 Datasheet HTML 4Page - Sipex Corporation SP6649 Datasheet HTML 5Page - Sipex Corporation SP6649 Datasheet HTML 6Page - Sipex Corporation SP6649 Datasheet HTML 7Page - Sipex Corporation SP6649 Datasheet HTML 8Page - Sipex Corporation SP6649 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Rev:001 Date:11/20/03
SP6649 Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
© Copyright 2002 Sipex Corporation
At light loads (plot A in Figure 3) the charge
cycle will take tON, MAX µs. For a 1V battery this
would be:
tON, MAX = KON / VBATT = 3.3Vµs / 1V = 3.3µs
The current built up in the coil during the charge
cycle gets fully discharged (discontinuous con-
duction mode, DCM) When the current in the
coil has reached zero the synchronous rectifier
switch is opened and the voltage across the coil
(from VBATT to LX) is shorted internally to
eliminate inductive ringing.
With increasing load (plot B in Figure 3) this
inductor damping time becomes shorter (be-
cause the output will drop quicker below its
regulation point due to the heavier load) up to
the point where it becomes zero. If the load
increases further the SP6649 enters continuous
conduction mode (CCM) where there is always
current in the inductor. The charge time is still
tON,MAX as long as the inductor peak current
limit is not reached (plot C in Figure 3). the
inductor peak current limit can be programmed
by trying a resistor RLIM from the RLIM pin to
ground where:
IPEAK = 1400 / RLIM
with a maximum recommended IPEAK of 1.2A
(or a minimum RLIM of 1.17K ).
When the peak current limit is reached the
charge time is short-cycled.
In (plot D of Figure 3) the current reaches the
peak current limit during the charge cycle but
full load is still not reached becuse at the end of
the minimum off-time VOUT was still not below
its regulation point. Finally in plot E the maxi-
mum load is reached where the discharge time
has shrunk to its minimum allowed value
tOFF,MIN.
Inductor Current vs. Load
Ton Max.
Toff Min.
E. Iripple=Toff* (Vo - Vi)/L
llim
llim
llim
llim
llim
Ton Max.
Ton Max.
Ton Max.
Ton Max.
Toff Min.
Toff Min.
Toff Min.
Toff Min.
D. Toff*= (Vo - Vi)/L<Iripple<Ton*Vi/L
C. Iripple=Ton*Vi/L
B. Iripple=Ton*Vi/L
A. Iripple=Ton*Vi/L
Figure 3. Inductor Current vs. Load



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com