Electronic Components Datasheet Search
  English  ▼

X  

SP6649 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6649
Description  Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6649 Datasheet(HTML) 6 Page - Sipex Corporation

  SP6649 Datasheet HTML 1Page - Sipex Corporation SP6649 Datasheet HTML 2Page - Sipex Corporation SP6649 Datasheet HTML 3Page - Sipex Corporation SP6649 Datasheet HTML 4Page - Sipex Corporation SP6649 Datasheet HTML 5Page - Sipex Corporation SP6649 Datasheet HTML 6Page - Sipex Corporation SP6649 Datasheet HTML 7Page - Sipex Corporation SP6649 Datasheet HTML 8Page - Sipex Corporation SP6649 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Rev:001 Date:11/20/03
SP6649 Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
© Copyright 2002 Sipex Corporation
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vi=3.0V
Vi=2.6V
Vi=2.0V
Vi=1.3V
Vi=1.0V
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
0
100
200
300
400
500
ILOAD(mA)
Vi=3.0V
Vi=2.6V
Vi=2.0V
Vi=1.3V
Vi=1.0V
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
Vin (V)
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
Vin (V)
Figure 4. Efficiency vs. Load Current
Figure 5. Line/Load Rejection vs. Load Current
Figure 6. No Load Battery Current
Figure 7. Maximum Resistive Load Current in Startup
Figure 8. Output Ripple, V
IN=2.6V, ILOAD=80mA
Figure 9. Output Ripple, V
IN=2.6V, ILOAD=200mA
PERFORMANCE CHARACTERISTICS
3.3V out, refer to the Circuit in Figure 1, TAMB=+25°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com