Electronic Components Datasheet Search
  English  ▼

X  

1028721 Datasheet(PDF) 2 Page - SICK AG

Part # 1028721
Description  DISPLACEMENT MEASUREMENT SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1028721 Datasheet(HTML) 2 Page - SICK AG

  1028721 Datasheet HTML 1Page - SICK AG 1028721 Datasheet HTML 2Page - SICK AG 1028721 Datasheet HTML 3Page - SICK AG 1028721 Datasheet HTML 4Page - SICK AG 1028721 Datasheet HTML 5Page - SICK AG 1028721 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT20-P130B2535 | DT20
DISPLACEMENT MEASUREMENT SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DT20-P130B2535
1028721
Other models and accessories
www.sick.com/DT20
Detailed technical data
Performance
Measuring range
250 mm ... 350 mm, 18 % ... 90 % remission 1)
Resolution
1 mm / 2 mm 2)
Repeatability
± 1.5 mm / ± 3 mm 3)
Accuracy
± 4 mm 4) 5)
Response time
10 ms / 15 ms 2)
Light source
LED, infrared
Typ. light spot size (distance)
15 mm x 15 mm (at 1 m)
Additional function
Plug-and-play, Customer specific scaled measuring range, Switching output to monitor the
measuring range
Laser service life (MTTF at 25 °C)
100,000 h
1) ´On 6 % remission the maximal measurable distance is 820 mm.
2) Depending on measurement range: 90 ... 600 mm / > 600 mm.
3) 18 % ... 90 % remission.
4) 6 % ... 90 % remission.
5) ± 4 mm up to 600 mm; ≤ ±7 mm at distance < 600 mm; see accuracy diagram.
Interfaces
Analog output
1 x 4 mA ... 20 mA (≤ 300 Ω)
Switching output
1 x PNP (100 mA) 1)
1) PNP: HIGH = VS - (< 2 V) / LOW = 0 V.
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V 1)
Ripple
≤ 5 Vpp 2)
Power consumption
≤ 1.5 W 3)
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.
3) Without load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com