Electronic Components Datasheet Search
  English  ▼

X  

1028721 Datasheet(PDF) 4 Page - SICK AG

Part # 1028721
Description  DISPLACEMENT MEASUREMENT SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1028721 Datasheet(HTML) 4 Page - SICK AG

  1028721 Datasheet HTML 1Page - SICK AG 1028721 Datasheet HTML 2Page - SICK AG 1028721 Datasheet HTML 3Page - SICK AG 1028721 Datasheet HTML 4Page - SICK AG 1028721 Datasheet HTML 5Page - SICK AG 1028721 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT20-P130B2535 | DT20
DISPLACEMENT MEASUREMENT SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Characteristic curve
Characteristic curve: accuracy
0
±2
(0.08)
±4
(0.16)
±6
(0.24)
±7
(0.28)
0
200
(7.87)
400
(15.75)
600
(23.62)
800
(31.50)
1,000
(39.37)
6 %
18 % ... 90 %
Measuring distance in mm (inch)
Connection type
Male connector M12, 5-pin
Connection diagram
L+
Q
QA
1
4
3
2
5
brn
blk
wht
M
blu
nc
gra



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com