Electronic Components Datasheet Search
  English  ▼

X  

SP6652ER Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6652ER
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652ER Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6652ER Datasheet HTML 3Page - Sipex Corporation SP6652ER Datasheet HTML 4Page - Sipex Corporation SP6652ER Datasheet HTML 5Page - Sipex Corporation SP6652ER Datasheet HTML 6Page - Sipex Corporation SP6652ER Datasheet HTML 7Page - Sipex Corporation SP6652ER Datasheet HTML 8Page - Sipex Corporation SP6652ER Datasheet HTML 9Page - Sipex Corporation SP6652ER Datasheet HTML 10Page - Sipex Corporation SP6652ER Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
APPLICATIONS INFORMATION
VOUT
C3
10µF
R
FBH
R
FBL
SYNC
MODE
SD
Rz
16.2nF
Cc
8k
4.7µH
L1
R1
10Ω
C2
1µF
C1
10µF
VIN
SP6652
1
2
3
4
5
10
9
8
7
6
PGND
SGND
FB
COMP
SD
LX
PVIN
SVIN
SYNC
MODE
Complete Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com