Electronic Components Datasheet Search
  English  ▼

X  

SP6652ER Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6652ER
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652ER Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6652ER Datasheet HTML 3Page - Sipex Corporation SP6652ER Datasheet HTML 4Page - Sipex Corporation SP6652ER Datasheet HTML 5Page - Sipex Corporation SP6652ER Datasheet HTML 6Page - Sipex Corporation SP6652ER Datasheet HTML 7Page - Sipex Corporation SP6652ER Datasheet HTML 8Page - Sipex Corporation SP6652ER Datasheet HTML 9Page - Sipex Corporation SP6652ER Datasheet HTML 10Page - Sipex Corporation SP6652ER Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 10 PIN DFN
Top View
D/2
Bottom View
D
E
D2
E/2
E2
e
b
L
12
Pin 1 identifier to be located within this shaded area.
Terminal #1 Index Area (D/2 * E/2)
K
Side View
DIMENSIONS
Minimum/Maximum
(mm)
10 Pin DFN
(JEDEC MO-229,
VEED-5 VARIATION)
COMMON HEIGHT DIMENSION
A
A1
A3
b
D
E2
E
e
D2
L
K
0.80
0.90
1.00
0.20 REF
2.20
-
2.70
3.00 BSC
1.40
-
1.75
0.30
0.40 0.50
0.20
0.18
0.25 0.30
3.00 BSC
0.50 PITCH
SYMBOL
MIN NOM MAX
0
0.02 0.05
--
10 PIN DFN
A
A1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com