Electronic Components Datasheet Search
  English  ▼

X  

SP6656 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6656
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6656 Datasheet HTML 1Page - Sipex Corporation SP6656 Datasheet HTML 2Page - Sipex Corporation SP6656 Datasheet HTML 3Page - Sipex Corporation SP6656 Datasheet HTML 4Page - Sipex Corporation SP6656 Datasheet HTML 5Page - Sipex Corporation SP6656 Datasheet HTML 6Page - Sipex Corporation SP6656 Datasheet HTML 7Page - Sipex Corporation SP6656 Datasheet HTML 8Page - Sipex Corporation SP6656 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
SP6656
The SP6656 is a 400mA synchronous buck regulator that is ideal for portable applications that
use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6656’s proprietary control loop, 20µA light
load quiescent current, and 0.3Ω power switches provide excellent efficiency across a wide range
of output currents. As the input battery supply decreases towards the output voltage the SP6656
seamlessly transitions into 100% duty ratio operation further extending useful battery life. The
SP6656 is protected against overload and short circuit conditions with a precise inductor peak
current limit. Other features include externally programmable output voltage down to 1.0V, logic
controlled output voltage selection, logic level shutdown control, and 140°C over temperature
shutdown.
®
DESCRIPTION
FEATURES
■ 98% Efficiency Possible
■ Small 3X3 10-Pin DFN Package
■ Ultra-low 20µA Quiescent Current
■ 625mA Inductor Peak Current Limit
■ Guaranteed Minimum 400mA Output
Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ 100% Duty Ratio Low Dropout
Operation
■ 80µA Light Load Quiescent Current in
Dropout
■ Output Voltage Logic Selection
■ Ideal for portable designs powered with
Li Ion battery
APPLICATIONS
■ Cell Phones
■ PDA's
■ DSC's
■ MP3 Players
■ USB Devices
■ Point of Use Power
TYPICAL APPLICATION SCHEMATIC
Now Available in Lead Free Packaging
High Efficiency 400mA Synchronous Buck Regulator with
SP6656
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
PVIN
VIN
OVSO
OVSI
EN
LX
P
GND
GND
V
OUT
FB
VI
VO
10µF
L1
10µH
VOUT
400mA
2.7V to 5.5V Input
10Ω
1µF
SP6656
PVIN
OVSO
EN
LX
GND
VOUT
FB
PGND
VIN
10µF
CIN
CVIN
COUT
RVIN
RF
CF
22pF
RI
OVSI
RS
Bit Programmable Output


Similar Part No. - SP6656

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656EB SIPEX-SP6656EB Datasheet
82Kb / 4P
Evaluation Board Manual
SP6656ER3 SIPEX-SP6656ER3 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656ER3TR SIPEX-SP6656ER3TR Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
More results

Similar Description - SP6656

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
logo
Sipex Corporation
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com