Electronic Components Datasheet Search
  English  ▼

X  

SP6656 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6656
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6656 Datasheet HTML 7Page - Sipex Corporation SP6656 Datasheet HTML 8Page - Sipex Corporation SP6656 Datasheet HTML 9Page - Sipex Corporation SP6656 Datasheet HTML 10Page - Sipex Corporation SP6656 Datasheet HTML 11Page - Sipex Corporation SP6656 Datasheet HTML 12Page - Sipex Corporation SP6656 Datasheet HTML 13Page - Sipex Corporation SP6656 Datasheet HTML 14Page - Sipex Corporation SP6656 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
For the typical SP6656 application circuit with
inductor size of 10
µH, and KON of 2V*µsec, the
SP6656 current ripple would be about 200mA, and
mode and improves light load efficiency when
the load current is less than half the inductor
ripple current defined by KON/L.
Thermal Shutdown
The converter will open both power switches if
the die junction temperature rises above 140
°C.
The die must cool down below 126
°C before the
regulator is re-enabled. This feature protects the
SP6656 and surrounding circuitry from exces-
sive power dissipation due to fault conditions.
Shutdown/Enable Control
The EN pins of the device are logic level control
pins that shut down the converter when a logic
is low, or enables the converter when a logic is
high. When the converter is shut down, the
power switches are opened and all circuit bias-
ing is extinguished leaving only junction leak-
age currents on supply pins 1 and 2. After pins
4 or 5 are brought high to enable the converter,
there is a turn on delay to allow the regulator
circuitry to re-establish itself. Power conversion
begins with the assertion of the internal refer-
ence ready signal which occurs approximately
150
µs after the enable signal is received.
Output Voltage Selection
The OVSI (Output Voltage Selection Input) pin
is internally driving a NMOS Gate which Drain
(OVSO pin) is used to short circuit RS and then
achieve a a higher output voltage ( see table 1 for
calculation, page 3)
External Feedback Pin
The FB pin 6 is compared to an internal refer-
ence voltage of 0.8V to regulate the SP6656
output. The output voltage can be externally
programmed within the range +1.0V to +5.0V
by tying a resistor from FB to ground and FB to
VOUT (pin7). See the applications section for
resistor selection information.
Inductor Selection
The SP6656 uses a specially adapted minimum
on-time control of regulation utilizing a preci-
sion comparator and bandgap reference. This
adaptive minimum on-time control has the ad-
vantage of setting a constant current ripple for a
given inductor size. From the operations section
it has been shown:
Inductor Current Ripple, ILR ≈
KON
L
THEORY OF OPERATION
APPLICATION INFORMATION
would be fairly constant for different input and
output voltages, simplifying the selection of com-
ponents for the SP6656 power circuit. Other
inductor values could be selected, as shown in
Table 2 Components Selection. Using a larger
value than 10
µH in an attempt to reduce output
voltage ripple would reduce inductor current ripple
and may not produce as stable an output ripple.
For larger inductors with the SP6656, which has
a peak inductor current of 0.625A, most 15
µH
or 22
µH inductors would have to be larger
physical sizes, limiting their use in small por-
table applications. Smaller values like 10
µH
would more easily meet the 0.625A limit and
come in small case sizes, and the increased



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com