Electronic Components Datasheet Search
  English  ▼

X  

ASM200 Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # ASM200
Description  200W High Power Density Medical Grade Open Frame Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM200 Datasheet(HTML) 5 Page - Astrodyne Corporation

  ASM200 Datasheet HTML 1Page - Astrodyne Corporation ASM200 Datasheet HTML 2Page - Astrodyne Corporation ASM200 Datasheet HTML 3Page - Astrodyne Corporation ASM200 Datasheet HTML 4Page - Astrodyne Corporation ASM200 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
200W High Power Density Medical Grade Open Frame Power Supplies
ASM200
BSM200 series
©2015 AstrodyneTDI Corporation
ASM/BSM200S rev. B 07-1-15
5
www.astrodynetdi.com
Page
Notes:
1. Drawing is 3rd angle projection
2. All dimensions in mm [in.]
3. Length and width tolerance is ± 0.2 [0.008]
4. Maximum height 36.1 [1.42]
5. For full EMC compliance, bond 4 mounting holes to an electrically conductive surface.
CN2
CN1
CN3
CN4
UNIT
DRAWING NO.
REV
±0.1
±0.3
±0.1
±0.5
MODEL NO.
PART NO.
MATERIAL
TITLE
±1.5°
DESCRIPTION
X<8
±0.3°
(UNLESS OTHERWISE SPECIFIED)
SHEET METAL TOLERANCE
±0.15
BENDING
±0.2
±0.25
±0.3
±1°
±0.5°
±0.5°
ANGULAR
PIERCING
±0.15
±0.2
300 X<800
100 X<300
25 X<100
8 X<25
DIMENSION
APPROVED
CHECKED
DRAWN
SHEET
SCALE
SIZE
Projection
DATE
mm
OF
A3
(Reference)
Label
location
I/P connector
O/P connector
O/P & Signal connector
3
1
dingly to the end product PE (Protective Earth) path
2
6
5
4
[.134]
4x 3.4 mounting holes
All 4 corner holes need to be bondedaccor
P.E.
5.00
127
65
2.56
76.2
3.00
115.6
4.55
5.7
.22
.22
5.6
1.32
33.6 max
.06
1.6
0.16
.10
2.5
0.2mm〔 0.008〕
Connector P/N info. for reference.
or equivalent
Crimp terminal/pins : TE 770476-2 (18-24 AWG)
Mating Connector : TE
Crimp terminal/pins : TE 770476-2 (18-24 AWG)
3. Height Maximum dimensions : 36.1mm〔1.42〕
1
2
3
4
1
2
3
4
5
6
7
8
TERMINAL ASSIGNMENTS
P.E.
1
12V_AUX
5V_AUX_RTN
7
ACL
2
change CN3 and CN4 the Pin name.
4
ACN
3
2
PWR_OK
DC_OUT
4-6
1
5V_AUX
DC_OUT_RTN
1-3
6
-REMOTE_SENSE
8
12V_AUX_RTN
4
5
+REMOTE_SENSE
PS-ON
3
640250-3
2015/04/14
series
Mating Connector :Molex 90142
2. Length 、Width tolerance :
series or equivalent
ASM200S-L outline drawing
A
NEW SPEC
1 : 1
E.LIU
A/BSM200S-L
:Molex 90130
outline drawing
2015/03/27
or equivalent
O / P : TE 640445-6
640250-6
Mating Connector : TE
NC
NOTES :
1. All dimension in mm 〔inch〕.
O / P
& Signal
I / P : TE 641937-1
A1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com