Electronic Components Datasheet Search
  English  ▼

X  

ASM200 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASM200
Description  200W High Power Density Medical Grade Open Frame Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM200 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASM200 Datasheet HTML 1Page - Astrodyne Corporation ASM200 Datasheet HTML 2Page - Astrodyne Corporation ASM200 Datasheet HTML 3Page - Astrodyne Corporation ASM200 Datasheet HTML 4Page - Astrodyne Corporation ASM200 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
200W High Power Density Medical Grade Open Frame Power Supplies
ASM200
BSM200 series
©2015 AstrodyneTDI Corporation
ASM/BSM200S rev. B 07-1-15
1
www.astrodynetdi.com
Page
Medical Safety Approval – 60601-1 3rd Edition – 2 MOPP
Class I and Class II medical applications
200 Watts in miniature 3”x 5”x 1.4” footprint
High Efficiency, up to 94% @ 230Vac
Universal 90-264 Vac Input, 50/60 Hz
Convection Cooled
100% Full Load Burn-in
3 Year Warranty
ORDERING INFORMATION
Class I
Model
Class II
Model
Output
Voltage Output Current
Efficiency
typ.
230/115VAC
ASM200S-12-(XX)*
BSM200S-12-(XX)*
12 VDC
16.7 Amps
94/92%
ASM200S-15-(XX)*
BSM200S-15-(XX)*
15 VDC
13.4 Amps
94/92%
ASM200S-19-(XX)*
BSM200S-19-(XX)*
19.6 VDC
10.2 Amps
94/92%
ASM200S-24-(XX)*
BSM200S-24-(XX)*
24 VDC
8.4 Amps
94/92%
ASM200S-28-(XX)*
BSM200S-28-(XX)*
28 VDC
7.15 Amps
94/92%
ASM200S-36-(XX)*
BSM200S-36-(XX)*
36 VDC
5.6 Amps
94/92%
ASM200S-48-(XX)*
BSM200S-48-(XX)*
48 VDC
4.2 Amps
94/92%
ASM200S-54-(XX)*
BSM200S-54-(XX)*
54 VDC
3.7 Amps
94/92%
PRODUCT DESCRIPTION
The Astrodyne ASM200 and BSM200 Series are high density, medium power miniature open frame power supplies designed for medical
applications. These products are rated for natural convection cooling.
The ASM200 (Class 1 input) and BSM200 (Class 2 input) have 2 MOPP (means of patient protection) input to output isolation and BF leakage
current compliance at the DC output, and have been certified by Underwriters Laboratories for compliance with the latest edition of the international
medical safety standard, IEC 60601-1 3rd Edition, using the CB reporting scheme. They are also certified to be compliant with the collateral standard
60601-1-2 for EMC and bear the UL Recognized component marks for North America and the EU, as well as the CE mark.
*Denotes Auxiliary output options. See
OPTIONAL OUTPUTS section on Page 2 and
PART NUMBERING INFORMATION Chart on
Page 4


Similar Part No. - ASM200

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results

Similar Description - ASM200

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
logo
Total Power Internation...
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
30W Open Frame Type Medical Power Supplies
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
63W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
63W Open Frame Type Medical Power Supplies
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
80W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
120W Open Frame Type Medical Power Supplies
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
150W Open Frame Type Medical Power Supplies
logo
Tumbler Technologies + ...
THM30 TRUMPOWER-THM30 Datasheet
80Kb / 2P
Medical Grade 30W Open Frame Power Supplies
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com