Electronic Components Datasheet Search
  English  ▼

X  

ACURN101HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACURN101HF
Description  SMD Ultra Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACURN101HF Datasheet(HTML) 1 Page - Comchip Technology

  ACURN101HF Datasheet HTML 1Page - Comchip Technology ACURN101HF Datasheet HTML 2Page - Comchip Technology ACURN101HF Datasheet HTML 3Page - Comchip Technology ACURN101HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACURN101-HF Thru. ACURN105-HF
Forward current: 1.0A
Reverse voltage: 200 to 1000V
RoHS Device
AQW-JU001
Page 1
REV:B
Features
- Low power loss, High efficiency.
- High current capability
Mechanical Data
- Polarity: Laser cathode band marking.
- Weight: 0.012 grams(approx).
Comchip Technology CO., LTD.
SMD Ultra Fast Recovery Rectifiers
Halogen Free
- Plastic package has UL 94V-0.
- Case: Packed with FRP substrate and
epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free),solderable
per MIL-STD-750, method 2026.
Company reserves the right to improve product design , functions and reliability without notice.
Notes: 1. Thermal resistance from junction to ambient and from junction to lead P.C.B. monuted on 0.2×0.2”(5.0*5.0mm) copper pad areas.
Absolute Maximum Ratings (at TA=25°C unless otherwise noted)
ACURN
101-HF
Repetitive peak reverse voltage
Peak forward surge current
Operating junction temperature
Storage temperature
ACURN
102-HF
ACURN
103-HF
ACURN
104-HF
ACURN
105-HF
Units
Symbol
Parameter
VRRM
IFSM
TJ
TSTG
200
400
25
-65 to +175
-65 to +175
600
V
A
°C
°C
800
1000
Repetitive peak reverse current
V
uA
Parameter
Conditions
Forward voltage
Thermal Resistance
VR =Max. VRRM, TA=25°C
Junction to ambient (Note)
Symbol
IRRM
RθJA
CJ
MIN.
TYP.
MAX.
5
90
Unit
0.08
Junction capacitance
VR =4V, f=1.0MHZ
10
pF
Junction to lead (Note)
RθJL
40
°C/W
---
---
---
VF
---
---
---
---
---
Electrical Characteristics (at TA=25°C unless otherwise noted)
Reverse recovery time
Trr
50
nS
Conditions
8.3ms single half sine-wave
Average forward current
IF(AV)
1.0
A
IF=0.5A,IR=1.0A,Irr=0.25A
0.98
1.28
1.45
-
-
1.70
- GPRC(Glass passivated rectifier chip) inside.
- Glass passivated cavity-free junction.
75
- Comply with AEC-Q101
30
IF =0.1A
IF =0.5A
IF =1.0A
---
---
Dimensions in inches and (millimeter)
0.142(3.60)
0.126(3.20)
0.083(2.10)
0.067(1.70)
0.035(0.90)
0.020(0.50)
0.035(0.90)
0.020(0.50)
0.034(0.86)
0.046(1.16)
R0
.01
6(0
.40
)
1206
0.063(1.60)
Typ.
Circuit Diagram


Similar Part No. - ACURN101HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACURA107-HF COMCHIP-ACURA107-HF Datasheet
103Kb / 4P
SMD Ultra Fast Recovery Rectifiers
logo
ON Semiconductor
ACUROS-0640-GIGE-001 ONSEMI-ACUROS-0640-GIGE-001 Datasheet
858Kb / 5P
ACUROS® CQD® 640 GigE SWIR Camera
November, 2024 - Rev. 1
More results

Similar Description - ACURN101HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURA101-G COMCHIP-CURA101-G Datasheet
49Kb / 2P
SMD Ultra Fast Recovery Rectifiers
CURB201-G COMCHIP-CURB201-G Datasheet
50Kb / 2P
SMD Ultra Fast Recovery Rectifiers
CURC301-G COMCHIP-CURC301-G Datasheet
50Kb / 2P
SMD Ultra Fast Recovery Rectifiers
CURA101-G COMCHIP-CURA101-G_12 Datasheet
63Kb / 2P
SMD Ultra Fast Recovery Rectifiers
CURA101-HF COMCHIP-CURA101-HF Datasheet
108Kb / 4P
SMD Ultra Fast Recovery Rectifiers
CURC301-G COMCHIP-CURC301-G_12 Datasheet
105Kb / 4P
SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
SMD Ultra Fast Recovery Rectifiers
logo
Marl International Limi...
CURNM101 MARL-CURNM101_15 Datasheet
237Kb / 4P
SMD Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com