Electronic Components Datasheet Search
  English  ▼

X  

ACURN101HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACURN101HF
Description  SMD Ultra Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACURN101HF Datasheet(HTML) 3 Page - Comchip Technology

  ACURN101HF Datasheet HTML 1Page - Comchip Technology ACURN101HF Datasheet HTML 2Page - Comchip Technology ACURN101HF Datasheet HTML 3Page - Comchip Technology ACURN101HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reel Taping Specification
C
Index hole
d
E
F
B
W
P
P0
P1
A
Page 3
AQW-JU001
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Ultra Fast Recovery Rectifiers
B
C
d
D
D2
D1
E
F
P
P0
P1
SYMBOL
W
W1
(mm)
(inch)
0.087 ± 0.004
0.144 ± 0.004
0.050 ± 0.004
0.059 ± 0.004
7.008 ± 0.079
1.969 MIN.
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.472 ± 0.012
0.736 MAX.
2.20 ± 0.10
3.65 ± 0.10
4.00 ± 0.10
1.50 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
50.00 MIN.
13.00 ± 0.50
1.28 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
12.00 ± 0.30
18.70 MAX.
178.00 ± 2.00
A
1206
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
1206
D1
D
W1
D2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com