Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation SP6682 Datasheet HTML 10Page - Sipex Corporation SP6682 Datasheet HTML 11Page - Sipex Corporation SP6682 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Date: 5/5/04
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© Copyright 2004 Sipex Corporation
tor leads to larger output resistance, thus de-
creasing the output current capability and the
circuit efficiency. Place all the capacitors as
close to the SP6682 as possible for layout.
Increasing the value of the input and output
capacitors could further reduce the input and
output ripple.
Refer to Table 1 for some suggested low ESR
capacitors.
MANUFACTURERS/
PART NUMBER
CAPACITANCE/
CAPACITOR/
ESR
TELEPHONE#
VOLTAGE
SIZE/TYPE
AT 100kHz
TDK/847-803-6100
C2012X5R1A225K
2.2µF/10V
0805/X5R
0.030Ω
TDK/847-803-6100
C2012X5R0J475K
4.7µF/6.3V
0805/X5R
0.020Ω
MURATA/770-436-1300
GRM188R60J225KE01D
2.2µF/6.3V
0603/X5R
0.030Ω
MURATA/770-436-1300
GRM219R60J475KE01D
4.7µF/6.3V
0805/X5R
0.020Ω
Brightness Control Using PWM
Dimming control can be achieved by applying a
PWM control signal to the EN/PWM pin. The
brightness of the white LEDs is controlled by
increasing and decreasing the duty cycle of the
PWM signal. While the operating frequency
range of the PWM control is from 60Hz to
700Hz, the recommended maximum brightness
frequency range of the PWM signal is from
60Hz to 200Hz. A repetition rate of at least 60Hz
is required to prevent flicker.
Brightness Matching
For white LEDs, the forward voltage drop is a
function of the operating current. However, for
a given current, the forward voltage drops do not
always match due to normal manufacturing tol-
erance, thus causing uneven brightness of the
white LEDs.
In figure 14, assume high-precision bias resis-
tors were used, the operating current ratio of two
different branches can be easily derived as shown
by:
I1
=
VOUT - VF1
I2
VOUT - VF2
where I1 I2 are the operating current of the white
LEDs,VF1,VF2 are the forward voltage of the
white LEDs.
Since the brightness of the white LED is propor-
tional to the operating current, for better bright-
ness matching, a higher output voltage could be
used. This could be done by using larger resis-
tor, as shown in figure 14. Rb2 is used to bias the
operating current of the white LED, Rb1 is use
to increase the output voltage. Better brightness
matching was achived at the cost of the power
wasted on the bias resistor.
Rb1
8
V
FB
D1
Rb
Dn
GND
VFn
VF1
V
OUT
1
Rb2
Rb
VF2
Rb
5
D2
SP6682
I
1
I
2
I
n
Figure 14. Increasing brightness matching
Table: 1
SUGGESTED LOW ESR CAPACITORS
Power Efficiency
The efficiency of driving the white LEDs can be
calculated by:
η =
VF • IF
=
VF • IF
≈
VF
Vi •Ii
Vi • (n • IF + IQ)Vi • n
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com